Electronic Components Datasheet Search
  English  ▼

X  

PA1221 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PA1221
Description  1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PA1221 Datasheet(HTML) 1 Page - Tyco Electronics

  PA1221 Datasheet HTML 1Page - Tyco Electronics PA1221 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PA1221
1800-2000 MHz.
Low Noise High Dynamic Range Linear Amplifier
Outline Drawings
Maximum Ratings
Storage Temperature ....... -65°C to +165°C
DC Voltage .................................. +15 volts
RF Input Power...................+15 dBm.CW
Heat Spreader Temperature .......... +100°C
IP3 measured with 2 tones @+10 dBm @ 1 MHz apart
Min and max values from -40 to +75 degrees C
Features (typical values)
Low Cost Ceramic Surface Mount Package
NF ............................................................. 1.0 dB.
Pout ...................................................... +26 dBm.
IP3 ......................................................... +38 dBm.
100 Emlen Way
Telford, Pa. 18969
Tel. (215) 723-6011
Fax. (215) 723-6015
Specifications subject to change without notice
r
e
t
e
m
a
r
a
P
l
a
c
i
p
y
T
e
u
l
a
V
.
n
i
M
e
u
l
a
V
.
x
a
M
e
u
l
a
V
s
t
i
n
U
y
c
n
e
u
q
e
r
F-
0
0
8
10
0
0
2z
H
M
n
i
a
G0
.
6
20
.
3
2-
B
d
s
s
e
n
t
a
l
F
n
i
a
G2
.
0
-
/
+-
5
.
0
-
/
+B
d
n
o
i
t
a
l
o
s
I
e
s
r
e
v
e
R0
.
0
4
--
-
B
d
.
p
m
o
c
.
B
d
1
@
t
u
o
P7
2
+6
2
+-
m
B
d
e
r
u
g
i
F
e
s
i
o
N0
.
1-
5
.
1B
d
R
W
S
V1
:
5
.
1-
1
:
0
.
2o
i
t
a
R
3
P
I8
35
3-
m
B
d
d
e
r
i
u
q
e
R
y
l
p
p
u
S0
6
1
/
V
2
1
+-
0
9
1
/
V
2
1
+.
A
m
/
.
v
Typical Performance
G a in ( d B ) v s . F r e q u e n c y
25
26
27
28
180 0
190 0
200 0
N F ( d B ) v s . Fr eque ncy
0. 6
0. 85
1. 1
1. 35
180 0
190 0
200 0
P o ut ( d B m ) v s . Fr e q u e nc y
25
25. 5
26
26. 5
27
180 0
190 0
200 0
V S W R v s . Fr e q ue nc y
1
1. 25
1. 5
180 0
190 0
200
I P 3 (d B m ) v s . F r e q u e n c y
35
36
37
38
39
180 0
190 0
200 0
Fr e que nc y i n M H z .
--
u-- 25°C --n-- -40°C --∆∆∆∆-- +85°C
Rev: 00012001
SEE ATTACHED DRAWING
PRELIMINARY


Similar Part No. - PA1221

ManufacturerPart #DatasheetDescription
logo
TXC Corporation.
PA122 TXC-PA122 Datasheet
3Mb / 1P
Ceramic Based 3-in-1 Light Seneor
logo
Tyco Electronics
PA1220 MACOM-PA1220 Datasheet
49Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1223 MACOM-PA1223 Datasheet
66Kb / 2P
2110-2170 MHz. 5 Watt 28v. GaAs Ultra Linear Power Amplifier
PA1224 MACOM-PA1224 Datasheet
66Kb / 2P
2000-2200 MHz. 5 Watt 28v. GaAs Ultra Linear Power Amplifier
PA1225 MACOM-PA1225 Datasheet
43Kb / 2P
1850-1910 MHz. Low Noise High Dynamic Range Linear Amplifier
More results

Similar Description - PA1221

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
High Dynamic Range Low Noise Amplifier 1400-2000 MHz
PA1152 MACOM-PA1152 Datasheet
34Kb / 1P
1800 -2000 MHz. Ultra Low Noise Linear Power Amplifier
PA1153 MACOM-PA1153 Datasheet
34Kb / 1P
1800 -2000 MHz. Low Noise Linear Power Amplifier
PA1214 MACOM-PA1214 Datasheet
58Kb / 2P
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1219 MACOM-PA1219 Datasheet
46Kb / 2P
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com