Electronic Components Datasheet Search
  English  ▼

X  

PA2010 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PA2010
Description  200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PA2010 Datasheet(HTML) 1 Page - Tyco Electronics

  PA2010 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc =
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· HIGH POWER OUTPUT: +25.5 dBm (TYP.)
· HIGH THIRD ORDER IP3: +33 dBm (TYP.)
· MODERATE NOISE FIGURE: 5.0 dB (TYP.)
· LOW VSWR: 1.5:1 (TYP.)
PA2010/SMPA2010
200 TO 2000 MHz
TO-8 CASCADABLE AMPLIFIER
Specifications (Rev. Date: 2/02)*
CPA2010 is a standard PA2010 installed in an SMA connectorized housing and is guaranteed over 0°C
to 50°C with the PA2010's specifications limits of -54°C to+85°C. Measured in a 50-ohm system at +15
Vdc Nominal. Subject to change without notice.
BG
AA
CE
0.2-2.4 GHz
10.0 dB
±0.3 dB
20 dB
5.0 dB
25.5 dBm
+33 dBm
+50 dBm
+55 dBm
1.8:1 / 1.5:1
179 mA
0.2-2.0 GHz
9.0 dB
±0.7 dB
23.0 dBm
6.5 dB
23.5 dBm
2.0:1 / 1.8:1
189 mA
1.9:1 / 1.7:1
187 mA
0.2-2.0 GHz
8.5 dB
±1.0 dB
7.0 dB
-62° to +150°C
85°C
+17 Volts
+17 dBm
100 mW
0.5 W
85°C
50°C/W
1.25 W
63°C
PA2010
SMPA2010
CPA2010
15 Volts (max.)
15 Vdc
*


Similar Part No. - PA2010

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PA2010 MA-COM-PA2010 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2000 MHz
PA2010 MA-COM-PA2010 Datasheet
603Kb / 3P
Cascadable Amplifier 200 to 2000 MHz
PA2010-SMPA2010 MA-COM-PA2010-SMPA2010 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
IMO Precision Controls ...
PA20101 IMO-PA20101 Datasheet
135Kb / 2P
Footswitches PX/PA
logo
M/A-COM Technology Solu...
PA2010 MA-COM-PA2010_15 Datasheet
603Kb / 3P
Cascadable Amplifier 200 to 2000 MHz
More results

Similar Description - PA2010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2008 ETC-AP2008 Datasheet
108Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
PA38 MACOM-PA38 Datasheet
369Kb / 2P
Cascadable Amplifier 200 to 2000 MHz
logo
M/A-COM Technology Solu...
SMPA38 MA-COM-SMPA38 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2000 MHz
SMPA2010 MA-COM-SMPA2010 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2000 MHz
PA2010 MA-COM-PA2010_15 Datasheet
603Kb / 3P
Cascadable Amplifier 200 to 2000 MHz
logo
Teledyne Technologies I...
AC2037 TELEDYNE-AC2037 Datasheet
176Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC2058 TELEDYNE-AC2058 Datasheet
160Kb / 2P
200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC2556 TELEDYNE-AC2556 Datasheet
131Kb / 1P
2000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AP2008 TELEDYNE-AP2008 Datasheet
165Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AP2048 TELEDYNE-AP2048 Datasheet
160Kb / 2P
200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com