Electronic Components Datasheet Search
  English  ▼

X  

BAV70 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # BAV70
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BAV70 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  BAV70_15 Datasheet HTML 1Page - KEC(Korea Electronics) BAV70_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009. 1. 23
2/2
BAV70
Revision No : 1
1
0.1
REVERSE VOLTAGE V
(R)
R
R
T
C
- V
10
0
REVERSE VOLTAGE V
(V)
R
0
I
- V
I
- V
F
FORWARD VOLTAGE V
(V)
0
10
FF
0.2
0.4
0.6
0.8
1.0
1.2
-2
-1
10
2
10
3
10
10
1
RR
20
40
60
80
-3
-2
10
-1
10
1
10
Ta=100 C
Ta=75 C
Ta=50 C
Ta=25 C
0.4
0.8
1.2
1.6
2.0
3
10
30
100
f=1MHz
Ta=25 C
t
- I
F
FORWARD CURRENT I
(mA)
0.1
0.5
rr
F
0.3
1
3
10
30
100
1
3
5
10
30
50
100
Ta=25 C
Fig. 1
0.3
Fig. 1. REVERSE RECOVERY TIME(t ) TEST CIRCUIT
rr
E
INPUT
WAVEFORM
INPUT
0.01
µF
DUT
OUTPUT
SAMPLING
OSCILLOSCOPE
(R
=50
Ω)
IN
WAVEFORM
0.1 IR
0
I R
F
I =10mA
rr
t
PULSE GENERATOR
(R
=50
Ω)
OUT
50ns
-6V
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com