Electronic Components Datasheet Search
  English  ▼

X  

PE3 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PE3
Description  GaAs Foundry Services PROCESS PE3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PE3 Datasheet(HTML) 1 Page - Tyco Electronics

  PE3 Datasheet HTML 1Page - Tyco Electronics PE3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications Subject to Change Without Notice.
M/A-COM Inc.
1
North America: Tel. (800) 366-2266
♦
Asia/Pacific: Tel. +81 3 3263-8761
♦
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
GaAs Foundry Services
PROCESS PE3
PE3
V2.00
Features
•
0.5
µm MBE MESFET Technology for High Power
Applications
•
MMICs up to 18 GHz
•
100 mm wafer diameter
•
Layout and design assistance
•
Space qualification
•
Custom test and packaging
Description
M/A-COM’s PE3 process utilizes molecular beam epitaxy (MBE) to
implement a MESFET active layer structure that achieves high
efficiency and breakdown for multi-watt power applications thru
18GHz.
The focus is on products for moderate to high volume
applications.
M/A-COM offers a full compliment of foundry
services to meet the requirements for custom designing a MMIC-
based die or packaged product.
Typical RF Performance
FC06 (6X150) 900 um FET
Param.
Test Conditions
Freq.
Typ. Val.
MAG
VDS = 8V, IDS = .40IDSS
2/12GHz
22/13.5dB
PSAT
VDS = 8V, IDS = .40IDSS
2/12GHz
680/525mW/mm
PAE
VDS = 8V, IDS = .40IDSS
2/12GHz
50/41%
ft
VDS = 8V, IDS = .40IDSS
------
20GHz
Ordering Information
Part Number
Description
FE43-0001
PE3 Wafer
SVC6310
Mask Set
Electrical Specifications: TA = +25
°°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
200um PCM FET
IDSS
VDS = 3V, VGS = 0V
mA/mm
180
240
310
DC GM
VDS = 3V, IDS = 0.5IDSS
mS/mm
125
150
185
Vp
VDS = 3V, IDS = 0.025IDSS
V
-1.2
-1.8
-2.2
BVgd
IG = 0.1mA/mm
V
-11
-15
-
RF GM
VDS = 3V, IDS = 0.5IDSS
mS
25
32
45
Cgs
VDS = 3V, IDS = 0.5IDSS
pF
.140
.200
.280
Cgd
VDS = 3V, IDS = 0.5IDSS
pF
.015
.022
.028
Cds
VDS = 3V, IDS = 0.5IDSS
pF
.025
.038
.050
Ft
VDS = 3V, IDS = 0.5IDSS
GHz
20
26
34
Sheet Resistances
NDRS (N- GaAs)
l = 20mA
Ohms/sq
340
375
410
NCRS (NiCr)
l = 10mA
Ohms/sq
42
50
58
GFRS (Gate Metal)
l = 20mA
Ohms/sq
-
.027
.040
MIM Capacitors
Capacitance/unit area
f = 1MHz
pF/mm
2
360
400
440
Capacitor Leakage
V = 10V
µA
-
-
0.5


Similar Part No. - PE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30 VISHAY-PE30 Datasheet
158Kb / 3P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
19-Jul-02
PE30 VISHAY-PE30 Datasheet
131Kb / 6P
Fully Sealed Container Cermet Potentiometer Military and Professional Grade
04-Sep-08
PE30 VISHAY-PE30 Datasheet
155Kb / 6P
Fully Sealed Potentiometer Professional Grade
01-Feb-18
PE30 VISHAY-PE30 Datasheet
116Kb / 6P
Fully Sealed Potentiometer Professional Grade
21-Nov-2022
PE30 VISHAY-PE30 Datasheet
169Kb / 3P
Custom Capabilities Position Sensors and Variable Resistors
06-Oct-16
More results

Similar Description - PE3

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQHBT3 TRIQUINT-TQHBT3 Datasheet
120Kb / 6P
InGaP HBT Foundry Service
TQPHT TRIQUINT-TQPHT Datasheet
208Kb / 5P
0.5 um pHEMT Foundry Service
TQRLC TRIQUINT-TQRLC Datasheet
395Kb / 3P
Advanced Passives Foundry Service
TQTRX TRIQUINT-TQTRX Datasheet
175Kb / 6P
Advanced Passives & MESFET Foundry Service
TQP13-N TRIQUINT-TQP13-N Datasheet
181Kb / 4P
0.13 um D pHEMT Foundry Service
logo
Tyco Electronics
1860 MACOM-1860 Datasheet
53Kb / 1P
Farnell Technical Data Services
logo
Analog Devices
HMC313 AD-HMC313 Datasheet
309Kb / 6P
High Reliability GaAs HBT Process
logo
Taoglas antenna solutio...
A.03.C.1001111 TAOGLAS-A.03.C.1001111 Datasheet
636Kb / 13P
Location based services
logo
List of Unclassifed Man...
10G-SFPP-LR ETC1-10G-SFPP-LR Datasheet
277Kb / 4P
Brocade-Foundry Compatible
MW79-C ETC-MW79-C Datasheet
66Kb / 1P
Custom Wire Services
1/29/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com