Electronic Components Datasheet Search
  English  ▼

X  

SGC2363Z Datasheet(PDF) 5 Page - RF Micro Devices

Part # SGC2363Z
Description  50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC2363Z Datasheet(HTML) 5 Page - RF Micro Devices

  SGC2363Z Datasheet HTML 1Page - RF Micro Devices SGC2363Z Datasheet HTML 2Page - RF Micro Devices SGC2363Z Datasheet HTML 3Page - RF Micro Devices SGC2363Z Datasheet HTML 4Page - RF Micro Devices SGC2363Z Datasheet HTML 5Page - RF Micro Devices SGC2363Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 of 6
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC2363Z
Application Schematic
Evaluation Board Layout
Application Circuit Element Values
Reference
Designator
100-2000MHz
2000-4000MHz
C1
1000pF
2.7pF
C2
100pF
6.8pF
C3
100pF
6.8pF
L1
150nH
39nH
C3
1000pF
1uF
3
RF IN
C1
SGC-2363Z
4,5
6
1,2
C2
L1
Vd
RF OUT
C2
C1
L1
1uF
1000pF
C3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com