Electronic Components Datasheet Search
  English  ▼

X  

PF03 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PF03
Description  40-860 MHz. Ultra-linear Opto Receiver Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PF03 Datasheet(HTML) 1 Page - Tyco Electronics

  PF03 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PF03, PFO4
40-860 MHz.
Ultra-linear Opto Receiver Amplifier
Electrical Specifications @ Tcase =30°C (Referenced to 75 ohms)
Maximum Ratings
Storage Temperature ....... -40°C to +85°C
DC Voltage ................................ +28 volts
Optical Input Power ................. +10 dBm.
Operating BaseTemperature -20 to +85°C
Fiber Bending Radius ................. 1.3” min.
Fiber Pull Strength ................... 0.5kgrams
Outline Drawings
Features
Ultra High Linearity with Low Noise
Independent DC Supply pin for Optical diode (PFO4 Model)
100 Emlen Way
Telford, Pa. 18969
Tel. (215) 723-6011
Fax. (215) 723-6015
Specifications subject to change without notice
r
e
t
e
m
a
r
a
P
l
a
c
i
p
y
T
s
n
o
i
t
i
d
n
o
C
.
n
i
M
e
u
l
a
V
.
x
a
M
e
u
l
a
V
s
t
i
n
U
e
g
n
a
R
y
c
n
e
u
q
e
r
F
0
40
6
8.
z
H
M
R
(
y
t
i
v
i
s
n
o
p
s
e
R
λ)
=
λ
.
m
n
0
0
3
1
0
0
8W
/
V
h
t
g
n
e
l
e
v
a
W
l
a
c
i
t
p
O
(
)
λ
0
9
2
10
0
6
1.
m
n
y
t
i
s
n
e
D
l
a
r
t
c
e
p
S
λ
.
m
n
0
2
±
0
1
3
1
=
5
8
.
0W
/
A
λ
.
m
n
0
2
±
0
5
5
1
=
0
9
.
0W
/
A
s
s
e
n
t
a
l
F
n
i
a
G
o
t
k
a
e
p
(
)
y
e
l
l
a
v
@
.
z
H
M
0
6
8
o
T
z
H
M
0
4
=
f
λ
0
0
3
1
=0
.
1.
B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
l
a
c
i
t
p
Os
r
o
t
c
e
n
n
o
C
C
P
A
/
C
F
d
n
a
C
P
A
/
C
S
h
t
i
w0
4.
B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O
s
m
h
o
5
7
o
t
d
e
c
n
e
r
e
f
e
R
.
z
H
M
0
6
8
o
T
0
4
=
f6
1.
B
d
3 d
r
s
d
o
m
r
e
t
n
I
r
e
d
r
O
D
M
I
(
3)
)
t
s
e
t
r
e
s
a
l
o
w
T
(
v
0
.
1
=
1
#
n
i
P
f
1
f
,
z
H
M
5
2
.
6
2
3
=
2
f
,
.
z
H
M
5
2
.
3
3
3
=
3
.
z
H
M
5
2
.
5
3
3
=
P
3
,
2
,
1
f
.
w
m
3
3
.
0
=
4
f
=
1
f
+
2 f
-
3
.
q
e
r
f
.
s
a
e
m
=
z
H
M
5
2
.
4
2
3
=
0
8.
c
B
d
2 d
n
s
d
o
m
r
e
t
n
I
r
e
d
r
O
D
M
I
(
2)
v
0
.
1
=
1
#
n
i
P
)
t
s
e
t
r
e
s
a
l
o
w
T
(
f
1
f
,
z
H
M
5
3
1
=
2
P
,
.
z
H
M
5
2
.
9
8
1
=
,
2
,
1
.
w
m
0
5
.
0
=
f
=
3
f
1
f
+
2
y
c
n
e
u
q
e
r
f
.
s
a
e
m
=
.
z
H
M
5
2
.
4
2
3
=
0
7.
c
B
d
r
o
t
i
n
o
M
r
e
w
o
P
l
a
c
i
t
p
O
)
1
#
n
i
P
@
e
g
a
t
l
o
V
K
0
1
a
o
t
d
e
t
c
e
n
n
o
c
y
l
l
a
n
r
e
t
n
i
1
#
n
i
P
Ω
o
t
R
s
e
i
r
e
s
K
1
a
s
s
o
r
c
a
t
n
e
r
r
u
c
e
d
o
i
d
o
t
o
h
p
e
r
u
s
a
e
m
Ω
d
n
u
o
r
g
o
t
8
.
0.
W
m
/
V
E
(
e
s
i
o
N
t
u
p
n
I
t
n
e
l
a
v
i
u
q
E
n
i )f1
.
z
H
M
0
4
=0
.
7/
A
p
Η
√
.
z
I
(
t
n
e
r
r
u
C
l
a
t
o
T
T
O
T
)v
4
2
+
f
o
e
g
a
t
l
o
V
@0
4
2.
A
m
Pin Configuration
Pin #
Description
1 ........................................ monitor current
2,3,7,8 ............................................. Ground
4 (PFO4 only) . Optical diode detector +V
5 .................................... RF Amplifier +V
6 .................................................. not used
9 .................................................... Output
Available connectors & applicable dash #’s
FC/APC
- FCAPC
SC/APC
- SCAPC
FC/PC
- FCPC
ST
- ST
Unit without a connector has no dash number
Preliminary Data Sheet
Rev: 033001


Similar Part No. - PF03

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0310A HITACHI-PF0310A Datasheet
36Kb / 10P
MOS FET Power Amplifier Module for VHF Band
PF0311 HITACHI-PF0311 Datasheet
42Kb / 11P
MOS FET Power Amplifier Module for VHF Band
PF0313 HITACHI-PF0313 Datasheet
57Kb / 16P
MOS FET Power Amplifier Module for VHF Band
PF0314 HITACHI-PF0314 Datasheet
57Kb / 16P
MOS FET Power Amplifier Module for VHF Band
logo
KEC(Korea Electronics)
PF0314TE6 KEC-PF0314TE6 Datasheet
432Kb / 1P
EMI Filtering TVS For USB Port
More results

Similar Description - PF03

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA912 MOTOROLA-CA912 Datasheet
52Kb / 4P
17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIER
logo
Tyco Electronics
PA1131 MACOM-PA1131 Datasheet
41Kb / 1P
850-900 MHz. Ultra Linear Amplifier
PA1159 MACOM-PA1159 Datasheet
61Kb / 1P
2300-2400 MHz. Ultra Linear Power Amplifier
PAW- MACOM-PAW- Datasheet
36Kb / 1P
40-860 MHz. 28 dB. CATV Ultra-linear Amplifier
PAW587 MACOM-PAW587 Datasheet
27Kb / 1P
40-550 MHz. 21 dB. CATV Ultra-linear Amplifier
PAW588 MACOM-PAW588 Datasheet
52Kb / 1P
40-550 MHz. 34 dB. CATV Ultra-linear Amplifier
PAW788 MACOM-PAW788 Datasheet
52Kb / 1P
40-750 MHz. 34 dB. CATV Ultra-linear Amplifier
PAW887B MACOM-PAW887B Datasheet
36Kb / 1P
40-860 MHz. 28 dB. CATV Ultra-linear Amplifier
PAW1027 MACOM-PAW1027 Datasheet
36Kb / 1P
35 - 550 MHz CATV ULTRA - LINEAR AMPLIFIER
MAFRIN0436 MACOM-MAFRIN0436 Datasheet
183Kb / 3P
Ultra Low Loss Isolator 860 MHz - 894 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com