Electronic Components Datasheet Search
  English  ▼

X  

SGC2463Z Datasheet(PDF) 5 Page - RF Micro Devices

Part # SGC2463Z
Description  50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC2463Z Datasheet(HTML) 5 Page - RF Micro Devices

  SGC2463Z Datasheet HTML 1Page - RF Micro Devices SGC2463Z Datasheet HTML 2Page - RF Micro Devices SGC2463Z Datasheet HTML 3Page - RF Micro Devices SGC2463Z Datasheet HTML 4Page - RF Micro Devices SGC2463Z Datasheet HTML 5Page - RF Micro Devices SGC2463Z Datasheet HTML 6Page - RF Micro Devices SGC2463Z Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5 of 7
DS140429
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC2463Z
SOT-363 PCB Pad Layout
SOT-363 Nominal Package Dimensions
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Pin
Function
Description
3RF IN
RF input pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of operation.
1, 2,
4, 5
GND
Connection to ground. Use via holes as close to the device ground leads as possible to reduce ground inductance and
achieve optimum RF performance.
6RF OUT/DC
BIAS
RF output and bias pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of opera-
tion.
Dimensions in inches [millimeters]
RF
OUT
RF
I N
Notes:
1. Provide a large ground pad area under device pins 1,
2, 4, and 5 with several plated-through holes placed as
shown.
2. 1-2 ounce finished copper thickness is recommended.
3. RF I/O lines are 50
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com