Electronic Components Datasheet Search
  English  ▼

X  

SGC4263ZPCK Datasheet(PDF) 6 Page - RF Micro Devices

Part # SGC4263ZPCK
Description  50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC4263ZPCK Datasheet(HTML) 6 Page - RF Micro Devices

  SGC4263ZPCK Datasheet HTML 1Page - RF Micro Devices SGC4263ZPCK Datasheet HTML 2Page - RF Micro Devices SGC4263ZPCK Datasheet HTML 3Page - RF Micro Devices SGC4263ZPCK Datasheet HTML 4Page - RF Micro Devices SGC4263ZPCK Datasheet HTML 5Page - RF Micro Devices SGC4263ZPCK Datasheet HTML 6Page - RF Micro Devices SGC4263ZPCK Datasheet HTML 7Page - RF Micro Devices SGC4263ZPCK Datasheet HTML 8Page - RF Micro Devices SGC4263ZPCK Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 of 9
DS140502
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC4263Z
SOT-363 PCB Pad Layout
Pin
Function
Description
3RF IN
RF input pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of opera-
tion.
1,2,4,
5
GND
Connection to ground. Use via holes as close to the device ground leads as possible to reduce ground induc-
tance and achieve optimum RF performance.
6RF OUT/
DC BIAS
RF output and bias pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency
of operation.
0.015 [0.38] (2X)
0.052 [1.31] (2X)
0.025 [0.62] (4X)
0.051 [1.30]
0.044 [1.10] (2X)
0.017 [0.43] (2X)
0.020 [0.51] (2X)
0.093 [2.36] (2X)
0.037 [0.94] (2X)
0.097 [2.46] (2X)
0.178 [4.52]
0.018 [0.46] (2X)
0.018 [0.46] (2X)
0.056 [1.42] (2X)
Ø0.018 [Ø0.46] Ground Via (6X)
0.064 [1.61] (2X)
0.027 [0.69]
RF
OUT
Dimensions in inches [millimeters]
SOT-363 PCB Pad Layout
Notes:
1. Provide a large ground pad area under device pins 1,
2, 4, and 5 with several plated-through holes placed as
shown.
2. 1/2 ounce finished copper thickness is recommended.
3. RF I/O lines are 50
Ω
DEVICE SHOWN
FOR REFERENCE ONLY
RF
IN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com