Electronic Components Datasheet Search
  English  ▼

X  

SGC4463Z Datasheet(PDF) 3 Page - RF Micro Devices

Part # SGC4463Z
Description  50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC4463Z Datasheet(HTML) 3 Page - RF Micro Devices

  SGC4463Z Datasheet HTML 1Page - RF Micro Devices SGC4463Z Datasheet HTML 2Page - RF Micro Devices SGC4463Z Datasheet HTML 3Page - RF Micro Devices SGC4463Z Datasheet HTML 4Page - RF Micro Devices SGC4463Z Datasheet HTML 5Page - RF Micro Devices SGC4463Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
DS140210
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC4463Z
Typical Performance with Bias Tee, V
D = 3V, ID = 52mA
Current vs. Voltage
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
3.5
4
Vd (V)
+25C
-40C
+85C
NF vs. Frequency
1.0
2.0
3.0
4.0
5.0
6.0
0
0.5
1
1.5
2
2.5
3
3.5
Frequency (GHz)
25C
85C
|S11| over Frequency
-30
-25
-20
-15
-10
-5
0
00.5
11.5
22.5
33.5
4
Frequency (GHz)
25C
-40C
85C
|S21| over Frequency
6
10
14
18
22
26
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
25C
-40C
85C
|S12| over Frequency
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.522.5
33.5
4
Frequency (GHz)
25C
-40C
85C
|S22| over Frequency
-30
-25
-20
-15
-10
-5
0
00.511.522.533.5
4
Frequency (GHz)
25C
-40C
85C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com