Electronic Components Datasheet Search
  English  ▼

X  

SGC4563Z Datasheet(PDF) 6 Page - RF Micro Devices

Part # SGC4563Z
Description  50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC4563Z Datasheet(HTML) 6 Page - RF Micro Devices

Back Button SGC4563Z Datasheet HTML 2Page - RF Micro Devices SGC4563Z Datasheet HTML 3Page - RF Micro Devices SGC4563Z Datasheet HTML 4Page - RF Micro Devices SGC4563Z Datasheet HTML 5Page - RF Micro Devices SGC4563Z Datasheet HTML 6Page - RF Micro Devices SGC4563Z Datasheet HTML 7Page - RF Micro Devices SGC4563Z Datasheet HTML 8Page - RF Micro Devices SGC4563Z Datasheet HTML 9Page - RF Micro Devices SGC4563Z Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
DS140527
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC4563Z
Typical Performance with 1.7GHz to 2.2GHz Application Circuit, VD=3V, ID=48mA
S11 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.81.0
1.2
1.4
1.61.8
2.0
2.2
Frequency (GHz)
-40°C
25°C
85°C
S21 versus Frequency
17
19
21
23
25
27
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Frequency (GHz)
-40°C
25°C
85°C
S12 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Frequency (GHz)
-40°C
25°C
85°C
S22 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Frequency (GHz)
-40°C
25°C
85°C
17.5
18.0
18.5
19.0
19.5
20.0
20.5
21.0
-55
-40
25
85
110
Temperature (°C)
Gain over Temperature
2GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com