Electronic Components Datasheet Search
  English  ▼

X  

SPA2118Z Datasheet(PDF) 6 Page - RF Micro Devices

Part # SPA2118Z
Description  850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPA2118Z Datasheet(HTML) 6 Page - RF Micro Devices

  SPA2118Z Datasheet HTML 1Page - RF Micro Devices SPA2118Z Datasheet HTML 2Page - RF Micro Devices SPA2118Z Datasheet HTML 3Page - RF Micro Devices SPA2118Z Datasheet HTML 4Page - RF Micro Devices SPA2118Z Datasheet HTML 5Page - RF Micro Devices SPA2118Z Datasheet HTML 6Page - RF Micro Devices SPA2118Z Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6 of 7
DS121024
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPA2118Z
850MHz to 950MHz Application Schematic
850MHz to 950MHz Evaluation Board Layout and Bill of Materials
Vcc
6.8pF
33 nH
39pF
10uF Tantalum
100pF
15pF
2.2nH
1000pF
82pF
6.8K
330 Ohm
1200pF
5
6
7
8
4
3
2
1
Z=50
, 15.1°
I
C2
I
C1
I
BIAS
Vpc
External Connection
Ref. Des.
Value
Part Number
C1
15pF, 5%
Rohm MCH18 series
C2
82pF, 5%
Rohm MCH18 series
C3
10uF, 10%
AVX TAJB106K020R
C4
1000pF, 5%
Rohm MCH18 series
C5
39pF, 5%
Rohm MCH18 series
C6
1200pF, 5%
Rohm MCH18 series
C7
6.8pF, ±0.5pF
Rohm MCH18 series
C8
100pF, 5%
Rohm MCH18 series
L1
2.2nH, ±0.3nH
Toko LL1608-FS series
L2
33nH, 5%
Coilcraft 1008HQ series
R1
6.8K Ohm, 5%
Rohm MCR03 series
R2
330 Ohm, 5%
Rohm MCR03 series
Vpc
Eval Board
ECB-101161 Rev. C
SOIC-8 PA
Vcc
C8
C3
C1
L2
C6
C5
L1
C7
C4
C2
2012
R2
R1
Sirenza Microdevices



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com