Electronic Components Datasheet Search
  English  ▼

X  

STA5063Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # STA5063Z
Description  3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

STA5063Z Datasheet(HTML) 4 Page - RF Micro Devices

  STA5063Z Datasheet HTML 1Page - RF Micro Devices STA5063Z Datasheet HTML 2Page - RF Micro Devices STA5063Z Datasheet HTML 3Page - RF Micro Devices STA5063Z Datasheet HTML 4Page - RF Micro Devices STA5063Z Datasheet HTML 5Page - RF Micro Devices STA5063Z Datasheet HTML 6Page - RF Micro Devices STA5063Z Datasheet HTML 7Page - RF Micro Devices STA5063Z Datasheet HTML 8Page - RF Micro Devices STA5063Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
DS110205
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
STA-5063Z
4.9GHz to 5.9GHz 802.11a Error Vector Magnitude Data (source EVM=0.7%)
EVM vs Pout, F=4.9GHz
802.11a, OFDM, 54 Mb/s, 64QAM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
-5
0
5
10
Pout(dBm)
EVM vs Pout, F=5.15GHz
802.11a, OFDM, 54 Mb/s, 64QAM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-5
0
5
10
Pout(dBm)
EVM vs Pout, F=5.35GHz
802.11a, OFDM, 54 Mb/s, 64QAM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-5
0
5
10
Pout(dBm)
EVM vs Pout, F=5.725GHz
802.11a, OFDM, 54 Mb/s, 64QAM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-5
0
5
10
Pout(dBm)
EVM vs Pout, F=5.875GHz
802.11a, OFDM, 54 Mb/s, 64QAM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-5
0
5
10
Pout(dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com