Electronic Components Datasheet Search
  English  ▼

X  

ES9016S Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9016S
Description  Ultra 32-bit 8-Channel Audio DAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9016S Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9016S Datasheet HTML 1Page - ESS Technology,Inc ES9016S Datasheet HTML 2Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONFIDENTIAL ADVANCE INFORMATION
Analog Reinvented
ES9016
Ultra 32-bit 8-Channel Audio DAC
Product Brief
ESS TECHNOLOGY, INC. 48401 Fremont Blvd., Fremont, CA 94538, USA Tel (510) 492-1088 • Fax (510) 492-1511
FEATURE
BENEFIT
DAC Resolution
o
32-bit Patented Hyperstream™ DAC
Input Resolution
o
32-bit
Jitter Elimination
o
Patented Time Domain Jitter Eliminator
64-bit accumulator and 32-bit processing
o
Distortion free signal processing
DNR
o
+124dB
THD+N
o
–110dB
Input Modes
o
SPDIF with 8-input MUX
o
PCM (I
2S, MSB/LSB)
o
DSD
o
External 8x Digital Filter
Digital Filter
o
32-bit architecture
o
Selectable roll-off frequency
o
Per-channel user customizable
DSP Functions
o
Click-free soft mute and volume control
o
Programmable Zero detect
o
De-emphasis for 32kHz, 44.1kHz, and 48kHz sampling
APPLICATIONS
 Blu-ray / SACD / DVD-Audio player
 Audio preamplifier and receiver
 A/V processor
 Professional audio recording systems and mixing consoles
 Digital audio workstation
OVERVIEW
The ES9016 SABRE
32 Ultra DAC is a high-performance 32-bit, 8-channel audio D/A converter targeted for
consumer applications such as Blu-ray player, audio pre-amplifier, A/V receiver and professional
applications such as recording systems, mixer consoles and digital audio workstations.
With ESS patented 32-bit Hyperstream
 DAC architecture and Time Domain Jitter Eliminator, the ES9016
SABRE
32 Ultra DAC delivers a DNR of 124dB and THD+N of –110dB, a performance level that will satisfy
the most demanding audio enthusiasts.
The ES9016 SABRE
32 Ultra DAC’s 32-bit Hyperstream
 architecture can handle up to 32-bit PCM data via
I
2S input, as well as DSD or SPDIF data. The ES9016 SABRE32 Ultra DAC supports up to 384kHz PCM
data via I
2S as well as DSD-11.2MHz data and consumes less than 100mW.
The SABRE
32 Ultra DAC sets a new standard for high quality audio performance, SABRE SOUNDTM,in a
cost effective, easy-to-use form factor for today’s most demanding digital audio applications.


Similar Part No. - ES9016S

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9016 ESS-ES9016 Datasheet
715Kb / 2P
32-bit High Performance Audio ADC
ES9016 ESS-ES9016 Datasheet
1Mb / 38P
Ultra 32-bit Stereo Low Power Audio DAC
March 26, 2021
ES9016K2M ESS-ES9016K2M Datasheet
53Kb / 2P
Ultra 32-bit Stereo Mobile Audio DAC
ES9016K2M ESS-ES9016K2M Datasheet
1Mb / 38P
Ultra 32-bit Stereo Low Power Audio DAC
March 26, 2021
ES9016K2M ESS-ES9016K2M_V01 Datasheet
1Mb / 38P
Ultra 32-bit Stereo Low Power Audio DAC
March 26, 2021
More results

Similar Description - ES9016S

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9018 ESS-ES9018 Datasheet
276Kb / 2P
32-bit Hyperstream??Audio DAC
ES9016K2M ESS-ES9016K2M Datasheet
53Kb / 2P
Ultra 32-bit Stereo Mobile Audio DAC
ES9018 ESS-ES9018_V01 Datasheet
75Kb / 2P
Reference 32-bit Audio DAC
ES9028PRO ESS-ES9028PRO Datasheet
1Mb / 57P
32-Bit HyperStream짰 II 8-Channel Audio DAC
ES9038PRO ESS-ES9038PRO Datasheet
1Mb / 58P
Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
ES9026PRO ESS-ES9026PRO Datasheet
1Mb / 57P
32-Bit HyperStream짰 II 8-Channel Audio DAC
ES9018S ESS-ES9018S Datasheet
1Mb / 54P
Reference 32-bit Audio DAC
August 9, 2021
ES9027PRO ESS-ES9027PRO Datasheet
1Mb / 89P
32-bit High-Performance 8-Channel DAC
November 17, 2022
ES9039MPRO ESS-ES9039MPRO Datasheet
1Mb / 95P
32-bit High-Performance 8-Channel DAC
Sept, 2022
ES9080 ESS-ES9080 Datasheet
2Mb / 146P
32-bit High-Performance 8-Channel DAC
April 7th, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com