Electronic Components Datasheet Search
  English  ▼

X  

SZA3044Z Datasheet(PDF) 9 Page - RF Micro Devices

Part # SZA3044Z
Description  2.7GHz to 3.8GHz 5V 1W POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZA3044Z Datasheet(HTML) 9 Page - RF Micro Devices

Back Button SZA3044Z Datasheet HTML 3Page - RF Micro Devices SZA3044Z Datasheet HTML 4Page - RF Micro Devices SZA3044Z Datasheet HTML 5Page - RF Micro Devices SZA3044Z Datasheet HTML 6Page - RF Micro Devices SZA3044Z Datasheet HTML 7Page - RF Micro Devices SZA3044Z Datasheet HTML 8Page - RF Micro Devices SZA3044Z Datasheet HTML 9Page - RF Micro Devices SZA3044Z Datasheet HTML 10Page - RF Micro Devices SZA3044Z Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 of 11
DS150303
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZA3044Z
3.2GHz to 3.6GHz Evaluation Board Layout and Bill of Materials
For VCC=V+=VPC=5.0V
Board material GETEK, 10mil thick, Dk=3.9, 2oz. copper
Bill of Materials
DESG
Description
Notes
Q1
SZA-3044
4x4 QFN
R1
1.69K
, 0603 1%
0402 may be used.
R2
1.96K
, 0603 1%
0402 may be used.
R3
47K
, 0603
0402 may be used.
R4, 5
0
, 0603
0402 may be used.
C1
1uF 16V CAP
Tantulum ok for EVM performance. Use MLCC type
for best IM3 levels.
C2, 3, 4
0.1uF CAP, 0603
X7R 0402 ok, ROHM MCH182CN104K or equiv.
C5, 7
0.5pF CAP, 0603
NPO type, ROHM MCH185A0R5CK or equiv.
C6
15pF CAP, 0603
NPO, ROHM MCH185150JK or equiv.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com