Electronic Components Datasheet Search
  English  ▼

X  

RFXF0009 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFXF0009
Description  45MHz to 1200MHz Operation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFXF0009 Datasheet(HTML) 1 Page - RF Micro Devices

  RFXF0009 Datasheet HTML 1Page - RF Micro Devices RFXF0009 Datasheet HTML 2Page - RF Micro Devices RFXF0009 Datasheet HTML 3Page - RF Micro Devices RFXF0009 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140228
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 4
RFXF0009
1:1 SMT Transformer
45MHz to 1200MHz
The RFXF0009 transformer is designed for applications that
require small, low cost and highly reliable surface mount
components. Applications may be found in broadband, wireless
and other communications systems. These units are built lead-
free and RoHS compliant. S-Parameters are available on request.
Functional Block Diagram
Ordering Information
RFXF0009SB
Sample bag with 5 pieces
RFXF0009SQ
Sample bag with 25 pieces
RFXF0009SR
13" Sample reel with 100 pieces
RFXF0009TR13
13" Reel with 1000 pieces
Package: SP5
Features
■
45MHz to 1200MHz Operation
■
Low Cost and RoHS Compliant
■
Industry Standard SMT Package
■
Available in Tape-and-Reel
■
75
Ω Characteristic Impedance
Applications
■
Broadband/CATV
■
Wireless


Similar Part No. - RFXF0009

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFXF0009 QORVO-RFXF0009 Datasheet
681Kb / 8P
45-1218 MHz GaAs/GaN Power Doubler Module
RFXF0009H QORVO-RFXF0009H Datasheet
581Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0009HSB QORVO-RFXF0009HSB Datasheet
581Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0009HSQ QORVO-RFXF0009HSQ Datasheet
581Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0009HSR QORVO-RFXF0009HSR Datasheet
581Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
More results

Similar Description - RFXF0009

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPP2590 RFMD-RFPP2590 Datasheet
268Kb / 3P
GaAs Push Pull Hybrid 45MHz to 1200MHz
RFXF0006 RFMD-RFXF0006 Datasheet
334Kb / 4P
45MHz to 1200MHz Operation
RFXF0007 RFMD-RFXF0007 Datasheet
303Kb / 4P
45MHz to 1200MHz Operation
RFXF0008 RFMD-RFXF0008 Datasheet
353Kb / 4P
45MHz to 1200MHz Operation
RFXF0010 RFMD-RFXF0010 Datasheet
335Kb / 4P
45MHz to 1200MHz Operation
logo
Qorvo, Inc
RFPP2590 QORVO-RFPP2590 Datasheet
268Kb / 3P
GaAs Push Pull Hybrid 45MHz to 1200MHz
RFXF0010 QORVO-RFXF0010 Datasheet
335Kb / 4P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0009H QORVO-RFXF0009H Datasheet
581Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0006H QORVO-RFXF0006H Datasheet
364Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
RFOS601X QORVO-RFOS601X Datasheet
351Kb / 4P
GaAs Optical Receiver 45MHz to 1200MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com