Electronic Components Datasheet Search
  English  ▼

X  

ZXTP2012Z Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP2012Z
Description  60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2012Z Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP2012Z_15 Datasheet HTML 1Page - Diodes Incorporated ZXTP2012Z_15 Datasheet HTML 2Page - Diodes Incorporated ZXTP2012Z_15 Datasheet HTML 3Page - Diodes Incorporated ZXTP2012Z_15 Datasheet HTML 4Page - Diodes Incorporated ZXTP2012Z_15 Datasheet HTML 5Page - Diodes Incorporated ZXTP2012Z_15 Datasheet HTML 6Page - Diodes Incorporated ZXTP2012Z_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXTP2012Z
Datasheet Number: DS33713 Rev. 3 - 2
1 of 7
www.diodes.com
October 2012
© Diodes Incorporated
ZXTP2012Z
A Product Line of
Diodes Incorporated
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Features
•
BVCEO > -60V
•
IC = -4.3A high continuous current
•
RSAT = 32mΩ for a low equivalent On-Resistance
•
Low saturation voltage VCE(sat) < -65mV @ IC = -1A
•
hFE specified up to -10A for high current gain hold up
•
Complementary NPN type: ZXTN2010Z
•
Lead-Free Finish; RoHS compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
•
PPAP capable (Note 4)
Application
•
Emergency lighting circuits
•
Motor driving (including DC fans)
•
Backlight inverters
•
Power switches
•
Gate driving MOSFETs and IGBTs
Mechanical Data
•
Case: SOT89
•
Case material: molded plastic. “Green” molding compound.
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
•
Weight: 0.05 grams (Approximate)
Ordering Information (Note 4 & 5)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXTP2012ZTA
AEC-Q101
951
7
12
1,000
ZXTP2012Z-13R
AEC-Q101
951
13
12
4,000
ZXTP2012ZQTA
Automotive
951
7
12
1,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified.
5. For packaging details, go to our website at http://www.diodes.com
Marking Information
951 = Product Type Marking Code
 
Green
Top View
Device Symbol
Top View
Pin Out
SOT89
C
E
C
B
C
E
B
951


Similar Part No. - ZXTP2012Z_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2012ZTA ZETEX-ZXTP2012ZTA Datasheet
122Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2012ZTA DIODES-ZXTP2012ZTA Datasheet
131Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results

Similar Description - ZXTP2012Z_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2010Z ZETEX-ZXTN2010Z Datasheet
126Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2012Z ZETEX-ZXTP2012Z Datasheet
122Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T951Z ZETEX-ZX5T951Z Datasheet
126Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T851Z ZETEX-ZX5T851Z Datasheet
126Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2010Z DIODES-ZXTN2010Z Datasheet
147Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZXTP2012Z DIODES-ZXTP2012Z Datasheet
131Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXTP2013Z DIODES-ZXTP2013Z Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
logo
Zhaoxingwei Electronics...
ZX5T852Z ZHAOXINGWEI-ZX5T852Z Datasheet
235Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T854Z ZHAOXINGWEI-ZX5T854Z Datasheet
247Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2010Z DIODES-ZXTN2010Z_15 Datasheet
202Kb / 7P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com