Electronic Components Datasheet Search
  English  ▼

X  

IRF7480M Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7480M
Description  Brushed Motor drive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7480M Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF7480M Datasheet HTML 3Page - International Rectifier IRF7480M Datasheet HTML 4Page - International Rectifier IRF7480M Datasheet HTML 5Page - International Rectifier IRF7480M Datasheet HTML 6Page - International Rectifier IRF7480M Datasheet HTML 7Page - International Rectifier IRF7480M Datasheet HTML 8Page - International Rectifier IRF7480M Datasheet HTML 9Page - International Rectifier IRF7480M Datasheet HTML 10Page - International Rectifier IRF7480M Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
 
IRF7480MTRPbF
7
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
May 14, 2015
 
Fig 17. Threshold Voltage vs. Temperature
Fig 21. Typical Stored Charge vs. dif/dt
Fig 18. Typical Recovery Current vs. dif/dt
100
200
300
400
500
600
700
diF /dt (A/µs)
2
3
4
5
6
7
8
9
IF = 88A
VR = 34V
TJ = 25°C
TJ = 125°C
100
200
300
400
500
600
700
diF /dt (A/µs)
2
3
4
5
6
7
8
9
IF = 132A
VR = 34V
TJ = 25°C
TJ = 125°C
100
200
300
400
500
600
700
diF /dt (A/µs)
80
100
120
140
160
180
200
IF = 88A
VR = 34V
TJ = 25°C
TJ = 125°C
100
200
300
400
500
600
700
diF /dt (A/µs)
40
80
120
160
200
IF = 132A
VR = 34V
TJ = 25°C
TJ = 125°C
Fig 20. Typical Stored Charge vs. dif/dt
Fig 19. Typical Recovery Current vs. dif/dt
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.5
2.0
2.5
3.0
3.5
4.0
ID = 150µA
ID = 250µA
ID = 1.0mA
ID = 1.0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com