Electronic Components Datasheet Search
  English  ▼

X  

2SC3646 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SC3646
Description  Bipolar Transistor High breakdown voltage and large current capacity
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC3646 Datasheet(HTML) 1 Page - ON Semiconductor

  2SC3646 Datasheet HTML 1Page - ON Semiconductor 2SC3646 Datasheet HTML 2Page - ON Semiconductor 2SC3646 Datasheet HTML 3Page - ON Semiconductor 2SC3646 Datasheet HTML 4Page - ON Semiconductor 2SC3646 Datasheet HTML 5Page - ON Semiconductor 2SC3646 Datasheet HTML 6Page - ON Semiconductor 2SC3646 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
82212 TKIM/31010EA TKIM/O3103TN (KT)/71598HA (KT)/3277KI/N255MW, TS No.2005-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SA1416/2SC3646
Bipolar Transistor
(–)100V, (–)1A, Low VCE(sat), (PNP)NPN Single PCP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
•
Adoption of FBET, MBIT processes
•
High breakdown voltage and large current capacity
•
Fast switching speed
•
Ultrasmall size making it easy to provide high-density, small-sized hybrid IC’s
Specifications ( ) : 2SA1416
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)120
V
Collector-to-Emitter Voltage
VCEO
(--)100
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)1
A
Collector Current (Pulse)
ICP
(--)2
A
Collector Dissipation
PC
500
mW
When mounted on ceramic substrate (250mm2×0.8mm)
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7007B-004
Ordering number : EN2005C
Product & Package Information
• Package
: PCP
• JEITA, JEDEC
: SC-62, SOT-89, TO-243
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type: TD
Marking
Electrical Connection
TD
1 : Base
2 : Collector
3 : Emitter
PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
Top View
Bottom View
2SA1416S-TD-E
2SA1416T-TD-E
2SC3646S-TD-E
2SC3646T-TD-E
2SC3646
2SA1416
RANK
RANK
2
3
1
2SC3646
2
3
1
2SA1416


Similar Part No. - 2SC3646

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3646 SANYO-2SC3646 Datasheet
124Kb / 4P
High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SC3646 KEXIN-2SC3646 Datasheet
511Kb / 3P
High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SC3646 SANYO-2SC3646 Datasheet
113Kb / 5P
High-Voltage Switching Applications
2SC3646 SANYO-2SC3646 Datasheet
457Kb / 7P
High-Voltage Switching Applications
logo
Shenzhen Luguang Electr...
2SC3646 LUGUANG-2SC3646 Datasheet
1Mb / 3P
High-Voltage Switching Applications
More results

Similar Description - 2SC3646

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8690 PANASONIC-DN8690 Datasheet
27Kb / 2P
4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large Drive Current : 1.5A)
DN8695 PANASONIC-DN8695 Datasheet
30Kb / 2P
9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
logo
Nais(Matsushita Electri...
TX2-12V NAIS-TX2-12V Datasheet
166Kb / 7P
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
logo
ON Semiconductor
15C01SS ONSEMI-15C01SS Datasheet
507Kb / 6P
Bipolar Transistor 15V, 0.6A, Low VCE(sat) NPN Single SSFP Large current capacity
August, 2013
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
High breakdown voltage
logo
ON Semiconductor
2SA1419 ONSEMI-2SA1419 Datasheet
354Kb / 7P
Bipolar Transistor High breakdown voltage and large current capacity
August, 2013
2SA1709 ONSEMI-2SA1709 Datasheet
623Kb / 7P
Bipolar Transistor High breakdown voltage, large current capacity
September, 2013
2SA1768 ONSEMI-2SA1768 Datasheet
583Kb / 7P
Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
Large Current Capacity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com