Electronic Components Datasheet Search
  English  ▼

X  

2SA1706 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SA1706
Description  Bipolar Transistor Adoption of FBET, MBIT processes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1706 Datasheet(HTML) 3 Page - ON Semiconductor

  2SA1706 Datasheet HTML 1Page - ON Semiconductor 2SA1706 Datasheet HTML 2Page - ON Semiconductor 2SA1706 Datasheet HTML 3Page - ON Semiconductor 2SA1706 Datasheet HTML 4Page - ON Semiconductor 2SA1706 Datasheet HTML 5Page - ON Semiconductor 2SA1706 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SA1706
No.3026-3/6
Ambient Temperature, Ta --
°C
PC -- Ta
VBE(sat) -- IC
Collector Current, IC -- A
Collector-to-Emitter Voltage, VCE -- V
A S O
Collector Current, IC -- A
VCE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
10
f T -- IC
Collector Current, IC -- mA
hFE -- IC
Collector Current, IC -- A
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
VCE= --2V
--2.4
--0.4
--0.8
--1.2
--1.6
--2.0
0
0
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
ITR04290
100
--0.01
1000
7
5
3
2
7
5
3
2
23
5
57
--0.1
72
3
5
7 --1.0
23
VCE= --2V
ITR04292
Ta=75°C
--25
°C
25
°C
100
1000
7
10
5
3
2
7
5
3
2
3
25
7
--10
--100
3
23
2
57 --1000
VBE= --10V
ITR04294
2
2
3
5
7
100
7
10
5
--10
--100
--1.0
57
23
5
7
23
ITR04296
f=1MHz
--0.01
57
3
2
23
5
7
2
3
5
7
--0.1
--1.0
3
2
7
5
3
2
7
5
--1000
--100
--10
ITR04298
Ta=75
°C
25°
C
--25°
C
IC / IB=20
--10
7
5
3
2
7
5
3
--1.0
--0.01
7
52
3
7
52
2
37
53
--0.1
--1.0
ITR04300
IC / IB=20
Ta= --25°C
75°C
25°C
7
--1.0
2
3
5
--0.1
3
--0.01
2
5
3
2
5
7
7
35
7
2
5
37
2
5
3--7
--1.0
--10
ITR04302
ITR04303
1.2
1.0
0
0.8
0.6
0.4
0.2
100
140
120
160
20
060
40
80
IC= --2.0A
ICP= --4.0A
1ms
100ms
10ms
DC
operation
Ta=25
°C
Single pulse



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com