Electronic Components Datasheet Search
  English  ▼

X  

F98 Datasheet(PDF) 2 Page - AVX Corporation

Part # F98
Description  Resin-Molded Chip, High CV Undertab
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F98 Datasheet(HTML) 2 Page - AVX Corporation

  F98_15 Datasheet HTML 1Page - AVX Corporation F98_15 Datasheet HTML 2Page - AVX Corporation F98_15 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APRIL 2014
■ 67
F98 Series
Resin-Molded Chip, High CV Undertab
Capacitance
Rated Voltage
*Cap
μF
Code
4V (0G)
6.3V (0J)
10V (1A)
16V (1C)
20V (1D)
25V (1E)
Code
1
105
MM
M
–
2.2
225
M/U
M
–
4.7
475
U
M/U
M/U**
M–
10
106
U
M/U**
M
S
a
22
226
M
M
M**/S
J
33
336
M
M
M**/S
n
47
476
M
M/S
S
s
68
686
M/S
w
100
107
M/S
S
A
220
227
S
J
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Available Ratings
*Codes under development – subject to change
**Rated temperature 60ºC only. Please contact AVX when you need detail spec.
We can consider the type of compliance to AEC-Q200.
Please contact to your local AVX sales office when these series
are being designed in your application.
RATINGS & PART NUMBER REFERENCE
*2: Leakage Current
After 5 minute’s application of rated voltage,
leakage current at 20ºC.
AVX
Case Capacitance
Rated
*2
DF
ESR
*1
Part No.
Size
(μF)
Voltage
DCL
(%)
(Ω)
ΔC/C
(V)
(μA)
@ 120Hz @ 100kHz
(%)
4 Volt
F980G475MUA
U
4.7
4
0.5
20
20
±30
F980G106MUA
U
10
4
0.8
25
20
±30
F980G226MMA
M
22
4
0.9
15
7.5
±30
F980G336MMA
M
33
4
1.3
30
4
±30
F980G476MMA
M
47
4
1.9
40
8
±30
F980G686MMA
M
68
4
27.2
50
10
±30
F980G686MSA
S
68
4
2.7
30
4
±30
F980G107MMA
M
100
4
80.0
60
10
±30
F980G107MSA
S
100
4
4.0
35
4
±30
F980G227MSA
S
220
4
132
80
5
±30
6.3 Volt
F980J475MUA
U
4.7
6.3
0.6
20
20
±30
F980J475MMA
M
4.7
6.3
0.5
20
7.5
±30
F980J106MMA
M
10
6.3
0.6
8
6
±30
F980J106MUALZT
U
10
6.3
6.3
30
30
±30
F980J226MMA
M
22
6.3
1.4
20
6
±30
F980J336MMA
M
33
6.3
4.2
35
8
±30
F980J476MMA
M
47
6.3
29.6
45
10
±30
F980J476MSA
S
47
6.3
3.0
25
6
±30
F980J107MSA
S
100
6.3
63.0
50
8
±30
10 Volt
F981A225MUA
U
2.2
10
0.5
15
15
±30
F981A225MMA
M
2.2
10
0.5
6
7.5
±30
F981A475MMA
M
4.7
10
0.5
6
6
±30
F981A106MMA
M
10
10
1.0
20
7.5
±30
F981A226MMALZT
M
22
10
11.0
30
8
±30
F981A226MSA
S
22
10
2.2
20
4
±30
F981A336MMALZT
M
33
10
33.0
45
8
±30
F981A336MSA
S
33
10
3.3
30
6
±30
F981A476MSA
S
47
10
9.4
35
5
±30
16 Volt
F981C105MMA
M
1
16
0.5
6
10
±30
F981C225MMA
M
2.2
16
0.5
6
10
±30
F981C475MMA
M
4.7
16
0.8
12
12
±30
F981C106MSA
S
10
16
1.6
18
4
±30
20 Volt
F981D105MMA
M
1
20
0.5
6
10
±30
25 Volt
F981E105MMA
M
1
25
0.5
8
10
±30



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com