Electronic Components Datasheet Search
  English  ▼

X  

SW-215 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-215
Description  Matched GaAs SPST Switch 5 - 3000 MHZ
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-215 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-215 Datasheet HTML 1Page - Tyco Electronics SW-215 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Matched GaAs SPST Switch
5 - 3000 MHZ
SW-215/216
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V2.00
DI-1
0.300
(7.6)
0.50
(12.7
0.5)
0.13
(3.3 0.5)
0.10
(2.5
0.5)
0.200
(5.1) MAX
0.120
(3.0) MIN
0.100
(2.5) TYP
0.018
±0.005
(0.46
±0.13) DIA.
14 PINS
0.87
(22.1
0.5)
CTL
RF 1
–
+
RF 2
Ordering Information
Model No.
Package
SW-215 PIN
Dual Inline
SW-216 PIN
Dual Inline
q
q
q
q
Features
Low Insertion Loss, 1.0 dB Typical
Fast Switching Speed, 20 ns Typical
Ultra Low DC Power Consumption, 0.07mA Typical
Integral TTL (SW-215) or CMOS (SW-216) Driver
Guaranteed Specifications*
(From -55°C to +85°C)
Frequency Range
5-3000 MHz
Insertion Loss
5-3000 MHz
2.9 dB Min
5-2000 MHz
1.5 dB Min
5-1000 MHz
1.2 dB Min
5-500 MHz
1.1 dB Min
VSWR
5-3000 MHz
2.0:1 Max
5-2000 MHz
1.9:1 Max
5-1000 MHz
1.4:1 Max
5-500 MHz
1.25:1 MAx
Isolation
5-3000 MHz
27 dB Min
5-2000 MHz
45 dB Min
5-1000 MHz
55 dB Min
5-500 MHz
60 dB Min
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics
SW-215
SW 216
(TTL)
(CMOS)
tRISE, tFALL
7 ns Typ
20 ns Typ
tON, tOFF (50% CTL to 90/10% RF) 20ns Typ
40 ns Typ
Transients (In-Band)
70 mV Typ
35 mV Typ
Input Power for 1 dB Compression
Model #’s
SW-215
SW-216
500-4000 MHz
+27
+33
dBm Typ
50 MHz
+21
+26
dBm Typ
Intermodulation Intercept Pt.
(for two-tone input power up to +13 dBm)
Intercept Points
IP2
IP3
500-4000 MHz
+68
+46
dBm Typ
50 MHz
+60
+40
dBm Typ
Bias Power
SW-215
+5 VDC @ 0.07 mA Typ, 1 mA Max
SW-216
+5 to +8 VDC @ 0.07 to 0.22 mA Typ, 1 mA Max
Environmental
MIL-STD-883 screening available.
* All specifications apply when operated with bias voltages of +5 VDC
(SW-215) or +8 VDC (SW 216) and 50 ohm impedance at all RF ports.
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
WEIGHT (APPROX): 0.14 OUNCES 4 GRAMS
Control Input
Condition of Switch
“1” = Logic High
TTL (SW-215)
RF 1 to RF 2
CMOS (SW-216 )
1ON
0
OFF
Truth Table
GROUND
GROUND
GROUND
GROUND
RF1
+ VDC
NC
CONTROL
INPUT
RF2
GROUND
GROUND
GROUND
GROUND
GROUND
50
Schematic


Similar Part No. - SW-215

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-215 MA-COM-SW-215 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-215-PIN MACOM-SW-215-PIN Datasheet
138Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
logo
M/A-COM Technology Solu...
SW-215-PIN MA-COM-SW-215-PIN Datasheet
57Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
More results

Similar Description - SW-215

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-205 MACOM-SW-205 Datasheet
105Kb / 2P
Matched GaAs SPDT Switch 5 - 3000 MHz
SW-231 MACOM-SW-231 Datasheet
97Kb / 2P
Matched GaAs SPST Switch 5 - 4000 MHz
SW-205-PIN MACOM-SW-205-PIN Datasheet
138Kb / 3P
Matched GaAs SPDT Switch, 5 - 3000 MHz
SW-215-PIN MACOM-SW-215-PIN Datasheet
138Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
logo
M/A-COM Technology Solu...
SW-205-PIN MA-COM-SW-205-PIN Datasheet
57Kb / 3P
Matched GaAs SPDT Switch, 5 - 3000 MHz
SW-215-PIN MA-COM-SW-215-PIN Datasheet
57Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
SW-231-PIN MA-COM-SW-231-PIN Datasheet
59Kb / 3P
Matched GaAs SPST Switch, 5 - 4000 MHz
SW-209 MA-COM-SW-209 Datasheet
108Kb / 3P
Matched GaAs SPST Switch
SW-231-PIN-V4 MA-COM-SW-231-PIN-V4 Datasheet
204Kb / 3P
Matched GaAs SPST Switch
SW05-0311 MA-COM-SW05-0311_15 Datasheet
588Kb / 5P
Matched GaAs SPST Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com