Electronic Components Datasheet Search
  English  ▼

X  

SW-226 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-226
Description  GaAs SPDT Switch DC-4 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-226 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-226 Datasheet HTML 1Page - Tyco Electronics SW-226 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V 2.01
Features
Miniature Ceramic Package
Terminated (SE-226), High Isolation (SW-227),
Low Loss (SW-228)
Fast Switching Speed, 6 ns Typical
Ultra Low DC Power Consumption
Guaranteed Specifications *
(From -55°C to +85°C)
Frequency Range
DC-4 GHz
Model Number
SW-226
SW-227 SW-228
Insertion Loss DC-4 GHz
1.5
1.4
1.0
dB Max
DC-2 GHz
1.2
1.1
0.8
dB Max
DC-1 GHz
1.0
1.0
0.7
dB Max
DC-0.5 GHz
0.9
0.9
0.7
dB Max
VSWR
DC-4 GHz
2.3:1
2.0:1
1.9:1
Max
DC-2 GHz
1.6:1
1.6:1
1.3:1
Max
DC-1 GHz
1.4:1
1.4:1
1.2:1
Max
DC-0.5 GHz
1.2:1
1.2:1
1.2:1
Max
Isolation
DC-4 GHz
25
35
22
dB Min
DC-2 GHz
40
40
32
dB Min
DC-2 GHz
48
50
42
dB Min
DC-0.5 GHz
53
55
50
dB Min
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics†
Trise, Tfall
3 ns Typ
Ton, Toff (50% CTL to 90/10% RF)
6 ns Typ
Transients (In-Band) SW-226/227
30 mV Typ
Transients (In-Band) SW-228
10 mV Typ
Input Power for 1 dB Compression
Control Voltages (Vdc)
0/-5
0/-8
0.5-4 GHz
+27
+33
dBm Typ
0.05 GHz
+21
+26
dBm Typ
Intermodulation Intercept Point
(for two-tone input power up to + 13 dBm)
Intercept Points
IP2
IP3
0.5 - 4 GHz
+68
+46
dBm Typ
0.05 GHz
+62
+40
dBm Typ
Control Voltages (Complementary Logic)
VIN Low (SW-226/227/228)
0 to -0.2V @ 20 µA Max
VIN Hi (SW-226/227)
-5V @ 110 µA Typ to -8V @ 600 µA Max
VIN Hi (228)
-5V @ 50 µA Typ to -8V @ 300 µA Max
Environmental
See Appendix for MIL-STD-883 screening option.
*
All specifications apply with 50 ohm impedance connected to all RF por ts
with 0 and -5 VDC control voltages.
†
Faster switching speed can be achieved with enhaned driver waveform.
**
For the SW-227 and SW-228 only, when an RF output is ‘OFF’ it is
shorted to case ground.
GaAs SPDT Switch
DC-4 GHz
CR-2
q
q
q
q
SW-226/227/228
Bottom of Case is AC Ground.
Dimensions in ( ) are in mm.
Unless Otherwise Noted:.xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
Ordering Information
Model No.
Package
SW-226 PIN
Ceramic
SW-227 PIN
Ceramic
SW-228 PIN
Ceramic


Similar Part No. - SW-226

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-226 MA-COM-SW-226 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
SW-226-227-228-PIN MA-COM-SW-226-227-228-PIN Datasheet
87Kb / 4P
GaAs SPDT Switch
logo
Tyco Electronics
SW-226-PIN MACOM-SW-226-PIN Datasheet
141Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
M/A-COM Technology Solu...
SW-226-PIN MA-COM-SW-226-PIN Datasheet
87Kb / 4P
GaAs SPDT Switch DC - 4 GHz
SW-226-PIN MA-COM-SW-226-PIN Datasheet
638Kb / 5P
GaAs SPDT Switch
More results

Similar Description - SW-226

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW4030G MACOM-MASW4030G Datasheet
162Kb / 2P
GaAs SPDT Switch DC - 4 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-226-PIN MACOM-SW-226-PIN Datasheet
141Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS2702 HW-HWS2702 Datasheet
115Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
logo
M/A-COM Technology Solu...
SW-226-PIN MA-COM-SW-226-PIN Datasheet
87Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC240A HITTITE-HMC240A Datasheet
259Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
HMC240 HITTITE-HMC240_10 Datasheet
152Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com