Electronic Components Datasheet Search
  English  ▼

X  

IRF7811AVPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7811AVPBF
Description  N-Channel Application-Specific MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7811AVPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF7811AVPBF Datasheet HTML 1Page - International Rectifier IRF7811AVPBF Datasheet HTML 2Page - International Rectifier IRF7811AVPBF Datasheet HTML 3Page - International Rectifier IRF7811AVPBF Datasheet HTML 4Page - International Rectifier IRF7811AVPBF Datasheet HTML 5Page - International Rectifier IRF7811AVPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.irf.com
4
IRF7811AVPbF
Figure 7. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
1000
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
Figure 8. Clamped Inductive load test diagram and switching waveform
50 Ohms pro b e
12 5n S
50 u
5 uH
Sch ottky -6 A
VDD
16 Vz500mW
50 u
45 0
45 0
Mic4452BM
Re pe titio n ra te:1 00 Hz
8V
Switching Time Waveforms
10%
90%
V
ds
Vgs
t
d(on)
t
f(v)
t
d(off)
t
r (v)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com