Electronic Components Datasheet Search
  English  ▼

X  

PTRE Datasheet(PDF) 2 Page - Picker Components

Part # PTRE
Description  50 Amp Power PCB Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PTRE Datasheet(HTML) 2 Page - Picker Components

  PTRE Datasheet HTML 1Page - Picker Components PTRE Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PTRE Rev C 7/30/15
2 of 2
PTRE
PTRE
DIMENSIONS (mm/inches)
COIL DATA
Coil Voltage
Resistance
(Ohms ± 10%)
Must Operate
Voltage Max
(VDC)
Must Release
Voltage Min.
(VDC)
Coil
Power
(W)
Rated
Max
3
3.9
6.0
2.25
0.3
1.5
5
6.5
16.7
3.75
0.5
6
7.8
24.0
4.50
0.6
9
11.7
54.0
6.75
0.9
12
15.6
96.0
9.00
1.2
15
19.5
150
10.25
1.5
18
23.4
216
13.50
1.8
24
31.2
384
18.00
2.4
48
62.4
1,536
36.00
4.8
110
143
8,067
82.50
11.0
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays. Must Operate Voltage is listed for test purposes only and is
not to be used as design criteria. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
Dimensions are in mm, Inches are listed for reference only.
Knock off, on top corner, nib for ventilation after soldering and water wash.
-1 Pin 6 Omitted
With Pin 6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com