Electronic Components Datasheet Search
  English  ▼

X  

SW-279 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-279
Description  High Power GaAs SPDT Switch DC - 2.5 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-279 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-279 Datasheet HTML 1Page - Tyco Electronics SW-279 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Power GaAs SPDT Switch
DC - 2.5 GHz
SW-279
V2.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 3 3263 8761
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 3 3263 8769
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
Model No.
Package
SW-279 PIN
SOIC 8 Lead
SW-279TR
Forward Tape & Reel
SW-279RTR
Reverse Tape & Reel
Features
• +36 dBm Typ. 1 dB Compression Point, -8V Supply
• +65 dBm Typ. 3rd Order Intercept Point, -8V Supply
• Low Insertion Loss: 0.4 dB Typical
• Low Power Consumption: 100 µW
• Fast Switching Speed
• Low Cost SOIC8 Plastic Package
• Tape and Reel Packaging Available1
Description
M/A-COM’s SW-279 is a GaAs MMIC SPDT switch in a low cost
SOIC 8-lead surface mount plastic package. The SW-279 is ideal-
ly suited for use where very low power consumption is
required. Typical applications include transmit/receive switch-
ing, switch matrices, and filter banks in systems such as: radio
and cellular equipment, PCM, GPS, fiber optic modules, and
other battery powered radio equipment.
The SW-279 is fabricated with a monolithic GaAs MMIC using a
mature 1 micron process. The process features full chip passiva-
tion for increased performance and reliability.
Electrical Specifications, T
A = +25°C
0°-8°
.0075-0.0098
(0.19-0.25)
.1890-.1968
(4.80-5.00)
.0099-0.0196
x 45° Chamfer
(0.25-0.50)
.2284-.2440
(5.80-6.20)
PIN 8
Orientation
mark
PIN 1
8- Lead SOP outline dimensions
Narrow body .150
(All dimensions per JEDEC No. MS-012-AA, Issue C)
Dimensions in ( ) are in mm.
.1497-.1574
(3.80-4.00)
- B -
- A -
.050(1.27) BSC.
.013-.020 TYP.
(0.33-0.51)
.0040-.0098
(0.10-0.25)
- C -
.0532-.0688
(1.35-1.75)
.016-.050
(0.40-1.27)
.010(0.25) M B M
.010(0.25) M C A M B S
Unless Otherwise Noted: .xxx = ± 0.010 (.xx = ± 0.25)
.xx = ± 0.02 (.x = ±0.5)
.004 (0.10)
SO-8
1. Refer to “Tape and Reel Packaging” Section, or contact factory.
2. All specifications apply when operated with bias voltages of 0V for Vin Low and 5 to 10V for Vin Hi, and 50 Ohm impedance at all RF ports,
unless otherwise specified. High power (greater than 1W) handling specifications apply to cold switches only. For input powers under 1W, hot
switching can be used. The high control voltage must be within +/- 0.2V of the supply voltage. The RF ports must be blocked outside of the
package from ground or any other voltage.
Parameter
Test Conditions2
Unit
Min.
Typ.
Max
Insertion Loss
DC – 2.0 GHz
dB
0.6
0.8
DC – 1.0 GHz
dB
0.4
0.6
DC – 0.5 GHz
dB
0.35
0.5
DC – 0.1 GHz
dB
0.2
0.4
Isolation
DC – 2.0 GHz
dB
14
16
DC – 1.0 GHz
dB
28
32
DC – 0.5 GHz
dB
35
38
DC – 0.1 GHz
dB
35
38
VSWR
DC – 2.0 GHz
1.2:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
30
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
35
Transients
In Band
mV
12
One dB
Input Power (5V Supply/Control)
0.9 GHz
dBm
33
Compression Point
Input Power (8V Supply/Control)
0.9 GHz
dBm
35.8
3rd Order
Measured Relative (5V Supply/Control)
0.9 GHz
dBm
61
Intercept
to Input Power (8V Supply/Control)
0.9 GHz
dBm
65
(for two-tone input power up to +10 dBm)
Ordering Information


Similar Part No. - SW-279

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-279 MA-COM-SW-279 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
More results

Similar Description - SW-279

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-277 MACOM-SW-277 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS303 HW-HWS303 Datasheet
120Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS306 HW-HWS306 Datasheet
114Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS314 HW-HWS314 Datasheet
115Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS341 HW-HWS341 Datasheet
94Kb / 2P
GaAs DC-2.5 GHz SPDT High Power Switch
HWS418 HW-HWS418 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS435 HW-HWS435 Datasheet
70Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418_V3 HW-HWS418_V3_15 Datasheet
56Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com