Electronic Components Datasheet Search
  English  ▼

X  

SW-394 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-394
Description  GaAs SPDT High Isolation Terminated Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-394 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-394 Datasheet HTML 1Page - Tyco Electronics SW-394 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GaAs SPDT High Isolation Terminated Switch, 0.5 - 2.0 GHz
SW-394
V3.00
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
Features
• Terminated RF Output
• High Isolation: 35 dB upto 2 GHz
• Positive Control
• Nanosecond Switching Speed
• CMOS Compatible Logic
• Low Cost SOIC 8 Plastic Package
SOIC-8
1
Electrical Specifications: TA = +25°C
1====
GaAs SPDT High Isolation Terminated
Switch
SW-394
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
0.5 - 2.0 GHz
dB
1.3
1.5
Isolation
0.5 - 1.0 GHz
dB
37
40
1.0 - 2.0 GHz
dB
32
35
VSWR
0.5 - 1.5 GHz
1.6:1
1 dB Compression
Input Power, +5V Control/Supply
0.5 GHz
dBm
24
0.9 GHz
dBm
24
1.5 GHz
dBm
25
Trise, Tfall
10% to 90% RF, 90% to 10% RF
µs
34
Ton, Toff
50% Control to 90% RF, Control to 10% RF
µs
36
Transients
In-band
mV
22
Input IP2
2-Tone, 5 MHz spacing,
0.5 GHz
dBm
67
+10 dBm each
0.9 GHz
dBm
72
Input IP3
2-Tone, 5 MHz spacing,
0.5 GHz
dBm
47
+10 dBm each
0.9 GHz
dBm
47
Description
M/A-COM’s SW-394 is a GaAs monolithic SPDT terminated
switch in a low cost SOIC 8-lead plastic package. The SW-394
is ideally suited for use where low power consumption and high
isolation are required.
Typical applications include transmit/
receive switching, switch matrices and switched filter banks in
systems such as radio and cellular equipment.
The SW-394 is fabricated using a mature 1-micron gate length
GaAs MESFET process.
The process features full chip
passivation for increased performance and reliability.
Ordering Information
Part Number
Package
SW-394 PIN
SOIC 8-Lead Plastic Package
SW-394TR
Tape and Reel
1
1. Refer to Application Note M513 for reel size information.
1.
All measurements taken at 900 MHz in a 50
Ω system unless otherwise specified. Loss varies at 0.003 dB/°C.
(.19/.25)
CHAMFER
(OPTIONAL)
(0.40/1.27)
.016/.050
0°/8°
-B-
BSC.
-C-
-A-
.010(.25)
C AB
MM
S
.050(1.27)
Orientation
Mark
.1497/.1574
(3.80/4.00)
M
M B
.010(.25)
.2284/.2440
(5.80/6.20)
.0532/.0688
(1.35/1.75)
.004(0.10)
.0075/.0098
PIN 8
PIN 1
.013/.020 (8 PL)
(.33/.51)
.0040/.0098
(.10/.25)
.1890/.1968
(4.80/5.00)
1. Dimensions are in: inches/mm


Similar Part No. - SW-394

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-394 MA-COM-SW-394 Datasheet
80Kb / 3P
GaAs SPDT High Isolation Terminated Switch 0.5 - 2.0 GHz
SW-394 MA-COM-SW-394 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
SW-394SMB MA-COM-SW-394SMB Datasheet
80Kb / 3P
GaAs SPDT High Isolation Terminated Switch 0.5 - 2.0 GHz
SW-394TR MA-COM-SW-394TR Datasheet
80Kb / 3P
GaAs SPDT High Isolation Terminated Switch 0.5 - 2.0 GHz
More results

Similar Description - SW-394

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-394 MA-COM-SW-394 Datasheet
80Kb / 3P
GaAs SPDT High Isolation Terminated Switch 0.5 - 2.0 GHz
MASW-008543_V2 MA-COM-MASW-008543_V2 Datasheet
228Kb / 4P
SPDT High Isolation Terminated Switch
MASWSS0024_V7 MA-COM-MASWSS0024_V7 Datasheet
170Kb / 4P
SPDT High Isolation Terminated Switch
MASWSS0178_V4 MA-COM-MASWSS0178_V4 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
SPDT High Isolation Terminated Switch
MASW-008543 MA-COM-MASW-008543 Datasheet
698Kb / 5P
SPDT High Isolation Terminated Switch
MASW-008543 MA-COM-MASW-008543_15 Datasheet
698Kb / 5P
SPDT High Isolation Terminated Switch
MASW-007935 MA-COM-MASW-007935_15 Datasheet
651Kb / 5P
GaAs SPDT Terminated Switch
MASWSS0121 MA-COM-MASWSS0121_15 Datasheet
587Kb / 4P
SPDT High Isolation Terminated Switch
MASWSS0180 MA-COM-MASWSS0180_15 Datasheet
578Kb / 4P
GaAs SPDT Terminated Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com