Electronic Components Datasheet Search
  English  ▼

X  

SW65-0003 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW65-0003
Description  GaAs SP8T Reflective Switch, DC - 2500 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW65-0003 Datasheet(HTML) 1 Page - Tyco Electronics

  SW65-0003 Datasheet HTML 1Page - Tyco Electronics SW65-0003 Datasheet HTML 2Page - Tyco Electronics SW65-0003 Datasheet HTML 3Page - Tyco Electronics SW65-0003 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs SP8T Reflective Switch,
DC - 2500 MHz
QSOP-28
V 3.00
Features
n
Cascadable Port
n
Building Block for Switch Matrics
n
23 dB Isolation at 2.5 GHz
n
Low DC Power Consumption
n
Terminated Common Port
n
50 Ohm Nominal Impedance
Description
M/A-COM’s SW65-0003 is a GaAs MMIC SP8T reflective
switch in a SMT plastic package. The switch has a low loss
growth port, J9, that allows for cascading the device into
larger multi-throw switches.
It can be configured for
common arm, J0, match when all the output ports are in
isolation.
The
switch
offers
excellent
broadband
performance and repeatability from DC to 2.5 GHz, while
maintaining low DC power dissipation. The SW65-0003 is
ideally suited for switch matrix and high volume wireless
infrastructure and applications.
Package Outline conforms to JEDEC Standard MO-137AF.
Electrical Specifications: TA = 25°C
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Insertion Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
dB
dB
dB
—
—
—
1.7
2.0
2.5
2.0
2.3
2.8
Insertion Loss J9 Port
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
dB
dB
dB
—
—
—
1.0
1.4
2.0
1.3
1.7
2.3
Isolation
DC - 1.0 GHz
DC - 2.5 GHz
dB
dB
28
20
31
23
—
—
Isolation J9 Port
DC - 1.0 GHz
DC - 2.5 GHz
dB
dB
22
15
25
18
—
—
VSWR Input (J0)
DC - 2.5 GHz
Ratio
—
1.2:1
1.5:1
VSWR (All arms off)
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
Ratio
Ratio
Ratio
—
—
—
1.1:1
1.8:1
2.0:1
1.4:1
2.1:1
2.3:1
VSWR Output
DC - 1.0 GHz
DC - 2.5 GHz
Ratio
Ratio
—
—
1.2:1
1.3:1
1.5:1
1.6:1
VSWR (J9)
DC - 1.0 GHz
DC - 2.5 GHz
Ratio
Ratio
—
—
1.0:1
1.3:1
1.3:1
1.6:1
Switching Speed
90% / 10% or 10% / 90% RF
nSec
—
3
10
1 dB Compression
Input Power
—
dBm
+20
+22
—
Input IP2
Two tone inputs to +5 dBm
—
dBm
+65
—
—
Input IP3
Two tone inputs to +5 dBm
—
dBm
+45
—
—
DC Bias
0V
-5V
—
—
µA
µA
—
—
—
—
10
100


Similar Part No. - SW65-0003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW65-0014 MACOM-SW65-0014 Datasheet
212Kb / 2P
GaAs SPST Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0014 MA-COM-SW65-0014 Datasheet
114Kb / 4P
GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0014 MA-COM-SW65-0014 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW65-0014-TB MACOM-SW65-0014-TB Datasheet
212Kb / 2P
GaAs SPST Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0014-TB MA-COM-SW65-0014-TB Datasheet
114Kb / 4P
GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results

Similar Description - SW65-0003

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC183QS24 HITTITE-HMC183QS24 Datasheet
216Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
HMC253QS24 HITTITE-HMC253QS24 Datasheet
207Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC322 HITTITE-HMC322 Datasheet
177Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz
HMC253LC4 HITTITE-HMC253LC4 Datasheet
272Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC253QS24 HITTITE-HMC253QS24_06 Datasheet
265Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC322LP4 HITTITE-HMC322LP4_06 Datasheet
361Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC253QS24 HITTITE-HMC253QS24_07 Datasheet
182Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC322 HITTITE-HMC322_09 Datasheet
176Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10 GHz
HMC322LP4 HITTITE-HMC322LP4_08 Datasheet
277Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
logo
Analog Devices
HMC322ALP4E AD-HMC322ALP4E Datasheet
555Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com