Electronic Components Datasheet Search
  English  ▼

X  

SW65-0014 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW65-0014
Description  GaAs SPST Absorptive Switch with ASIC Driver, DC - 3.0 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW65-0014 Datasheet(HTML) 2 Page - Tyco Electronics

  SW65-0014 Datasheet HTML 1Page - Tyco Electronics SW65-0014 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GaAs SPST Absorptive Switch with ASIC Driver, DC - 3.0 GHz
SW65-0014
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 5.00
2
Pin Configuration
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 3.0 GHz
+27 dBm
+34 dBm
Bias Voltages
VEE
VCC
Control Voltage
4
-8.5V
+5.5V
-0.5V to VCC +0.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
Pin #
Function
Pin #
Function
1
RFc
13
C1
2
GND
14
GND
3
GND
15
GND
4
GND
16
GND
5
GND
17
GND
6
GND
18
GND
7
GND
19
RF1
8
VEE
20
GND
9
GND
21
GND
10
VCC
22
GND
11
GND
23
GND
12
GND
24
GND
TTL Control Input
RF Common To:
C1
RF1
1
On
0
Off
Truth Table
2. Operation of this device above any one of these parameters
may cause permanent damage.
3. When the RF input is applied to the terminated port, the
absolute maximum power is +30 dBm.
4. Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Part Number
Package
SW65-0014
Bulk Packaging
SW65-0014TR
Tape and Reel (1K Reel)
SW65-0014-TB
Units Mounted on Test Board
Ordering Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com