Electronic Components Datasheet Search
  English  ▼

X  

SW65-0313 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW65-0313
Description  GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW65-0313 Datasheet(HTML) 1 Page - Tyco Electronics

  SW65-0313 Datasheet HTML 1Page - Tyco Electronics SW65-0313 Datasheet HTML 2Page - Tyco Electronics SW65-0313 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SP2T Absorptive Switch with
ASIC Driver, DC - 3.0 GHz
SO-16
V 8.00
Electrical Specifications: TA = 25°C
Features
n
Typical Isolation: 30 dB (2,000 MHz)
n
Typical Insertion Loss: .75 dB (2,000 MHz)
n
ASIC TTL/CMOS Driver
n
Plastic, 50 mil Pitch, SOIC-16
n
Low DC Power Consumption
n
50 Ohm Nominal Impedance
n
Tape and Reel Packaging Available
n
Test Boards Available
Description
M/A-COM's SW65-0313 is a GaAs MMIC absorptive
SP2T switch with an integral silicon ASIC driver. This
device is in a 16-lead plastic package. This switch offers
excellent broadband performance and repeatability from DC
to 3 GHz, while maintaining low DC power dissipation.
The SW65-0313 is ideally suited for wireless infrastructure
applications. Also available in a ceramic package with
improved performance.
Package outline conforms to JEDEC standard MS-012AC.
Parameter
Test Conditions
Units
Min
Typical
Max
Insertion Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
—
—
—
0.6
0.75
1.2
0.75
0.90
1.45
Isolation
(All arms off)
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
35
27
21
38
30
24
—
—
—
VSWR
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
—
—
—
—
—
—
1.2:1
1.3:1
1.7:1
1.3:1
1.4:1
1.9:1
Trise
Tfall
Ton
Toff
Transients
10%/90%, 90%/10%
1
50% TTL to 90%/10% RF
In-band (peak to peak)
nS
nS
mV
—
—
—
15
50
50
50
150
150
1 dB Compression
.05 GHz
.5 - 3.0 GHz
dBm
dBm
—
—
+25
+30
—
—
Input IP3
Two tone inputs
0.05 GHz
Up to +5 dBm 0.5 - 3.0 GHz
dBm
dBm
—
—
+40
+46
—
—
VCC
—
V
+4.5
+5.0
5.5
VEE
—
V
-8.0
-5.0
-4.75
ICC
VCC = +5.0V
mA
—
0.2
6
IEE
VEE = -5.0V
mA
—
-0.2
-1
Logic “0”
Iin = 20 µA max
V
0.0
—
0.8
Logic “1”
Iin = 20 µA max
V
2.0
—
5.0
1. Decoupling capacitors (.01 µF) are required on the power supply lines.


Similar Part No. - SW65-0313

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW65-0313 MA-COM-SW65-0313 Datasheet
129Kb / 5P
GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0313 MA-COM-SW65-0313 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
SW65-0313TB MA-COM-SW65-0313TB Datasheet
129Kb / 5P
GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0313TR MA-COM-SW65-0313TR Datasheet
129Kb / 5P
GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results

Similar Description - SW65-0313

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW65-0014 MACOM-SW65-0014 Datasheet
212Kb / 2P
GaAs SPST Absorptive Switch with ASIC Driver, DC - 3.0 GHz
SW65-0114 MACOM-SW65-0114 Datasheet
211Kb / 2P
GaAs SPDT Absorptive Switch with ASIC Driver, DC - 3.0 GHz
MASW-007072-000100 MACOM-MASW-007072-000100 Datasheet
246Kb / 5P
GaAs SP2T Switch, Absorptive, Switch with ASIC Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0014 MA-COM-SW65-0014 Datasheet
114Kb / 4P
GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0313 MA-COM-SW65-0313 Datasheet
129Kb / 5P
GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0314 MA-COM-SW65-0314 Datasheet
111Kb / 4P
GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007072-000100 MA-COM-MASW-007072-000100 Datasheet
130Kb / 5P
GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007073-000100 MA-COM-MASW-007073-000100 Datasheet
112Kb / 4P
GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007075-000100 MA-COM-MASW-007075-000100 Datasheet
117Kb / 4P
GaAs SPDT Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007072-000100 MA-COM-MASW-007072-000100_15 Datasheet
753Kb / 6P
GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com