Electronic Components Datasheet Search
  English  ▼

X  

BGA3018 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BGA3018
Description  1 GHz 18 dB gain wideband amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA3018 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BGA3018_15 Datasheet HTML 5Page - NXP Semiconductors BGA3018_15 Datasheet HTML 6Page - NXP Semiconductors BGA3018_15 Datasheet HTML 7Page - NXP Semiconductors BGA3018_15 Datasheet HTML 8Page - NXP Semiconductors BGA3018_15 Datasheet HTML 9Page - NXP Semiconductors BGA3018_15 Datasheet HTML 10Page - NXP Semiconductors BGA3018_15 Datasheet HTML 11Page - NXP Semiconductors BGA3018_15 Datasheet HTML 12Page - NXP Semiconductors BGA3018_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
BGA3018
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 September 2013
9 of 15
NXP Semiconductors
BGA3018
1 GHz 18 dB gain wideband amplifier MMIC
8.2 Return application 5 MHz to 300 MHz
The BGA3018 can be used in other applications. Please contact your local sales
representative for more information. Application notes are available on the NXP website.
8.2.1 Return application circuit
All control and supply lines must be decoupled properly. The decoupling capacitors must
be placed as close to the device as possible.
Components are listed in Table 11.
Fig 3.
BGA3018 application circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com