Electronic Components Datasheet Search
  English  ▼

X  

SW65-0314 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW65-0314
Description  GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW65-0314 Datasheet(HTML) 2 Page - Tyco Electronics

  SW65-0314 Datasheet HTML 1Page - Tyco Electronics SW65-0314 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
SW65-0314
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 6.00
2
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 3.0 GHz
+27 dBm
+34 dBm
Bias Voltages
VEE
VCC
Control Voltage
4
-8.5V
+5.5V
-0.5V to VCC +0.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings
2,3
Pin #
Function
Pin #
Function
1
RFc
13
C1
2
GND
14
C3
3
RF4
15
GND
4
GND
16
GND
5
GND
17
GND
6
RF2
18
GND
7
GND
19
RF1
8
VEE
20
GND
9
GND
21
GND
10
VCC
22
RF3
11
C4
23
GND
12
C2
24
GND
Pin Configuration
Truth Table
2. Operation of this device above any one of these parameters
may cause permanent damage.
3. When the RF input is applied to the terminated port, the
absolute maximum power is +30 dBm.
4. Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
TTL Control Input
C1
C2
C3
C4
RF1
RF2
RF3
RF4
1
0
0
0
On
Off
Off
Off
0
1
0
0
Off
On
Off
Off
0
0
1
0
Off
Off
On
Off
0
0
0
1
Off
Off
Off
On
RF Common To:
Ordering Information
Part Number
Package
SW65-0314
Bulk Packaging
SW65-0314TR
Tape and Reel (1K Reel)
SW65-0314-TB
Units Mounted on Test Board
Typical Performance Curves
Typical Insertion Loss Variation at
Temperature - Jx-J0
0.0
0.5
1.0
1.5
2.0
2.5
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40°C
+25°C
+85°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com