Electronic Components Datasheet Search
  English  ▼

X  

SW65-0440 Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW65-0440
Description  GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW65-0440 Datasheet(HTML) 3 Page - Tyco Electronics

  SW65-0440 Datasheet HTML 1Page - Tyco Electronics SW65-0440 Datasheet HTML 2Page - Tyco Electronics SW65-0440 Datasheet HTML 3Page - Tyco Electronics SW65-0440 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3 GHz
SW65-0440
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 4.00
Typical Performance Curves
Loss Variation Over Temp. (dB)
Insertion Loss (dB) @ +25°C
RF1 - RF4 On VSWR @ +25°C
3
RF1 - RF4 On VSWR Temp. Variation
RFC On VSWR @ +25°C
RFC On VSWR Temp. Variation
0
1
2
3
0.003
1
2
3
4
Frequency (GHz)
RF4
RF3
RF2
RF1
0
1
2
3
0.003
1
2
3
4
Frequency (GHz)
-40 °C
+25 °C
+85 °C
1.0
1.5
2.0
2.5
0.003
1
2
3
4
Frequency (GHz)
RF1
RF2
RF3
RF4
1.0
1.5
2.0
2.5
0.003
1
2
3
4
Frequency (GHz)
+25 °C
+85 °C
-40 °C
1.0
1.5
2.0
2.5
0.003
1
2
3
4
Frequency (GHz)
RF1
RF2
RF3
RF4
1.0
1.5
2.0
2.5
0.003
1
2
3
4
Frequency (GHz)
+85°C
+25°C
-40°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com