Electronic Components Datasheet Search
  English  ▼

X  

SW90-0003 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW90-0003
Description  GaAs SP4T Switch, Absorptive, Single Supply, DC - 4 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW90-0003 Datasheet(HTML) 2 Page - Tyco Electronics

  SW90-0003 Datasheet HTML 1Page - Tyco Electronics SW90-0003 Datasheet HTML 2Page - Tyco Electronics SW90-0003 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SP4T Switch, Absorptive, Single Supply, DC - 4 GHz
SW90-0003
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Pin Configuration
1,2,3
Pin No.
Function
Pin No.
Function
1
CP2
19
GND
2
Vee
20
NC
3
NC
21
GND
4
C4
22
RFC
5
C3
23
GND
6
C2
24
NC
7
C1
25
RF3
8
NC
26
GND
9
NC
27
NC
10
NC
28
GND
11
NC
29
RF4
12
NC
30
GND
13
GND
31
NC
14
RF1
32
Vee
15
GND
33
Vcc
16
NC
34
NC
17
GND
35
NC
18
RF2
36
CP1
Recommended PCB Layout
7
Truth Table
C1
C2
C3
C4
RFC-
RF1
RFC-
RF2
RFC-
RF3
RFC-
RF4
1
0
0
0
On
Off
Off
Off
0
1
0
0
Off
On
Off
Off
0
0
1
0
Off
Off
On
Off
0
0
0
1
Off
Off
Off
On
1. NC = No Connection
2. VEE is internally generated and must remain isolated from
external power supplies.
3. Connections and external components shown in functional
schematic are required. 0.1µF Capacitors need to be lo-
cated near pins 32 & 33.
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 4.0 GHz
+27 dBm
+34 dBm
Bias Voltages
VCC
Control Voltage
6
+5.5V
-0.5V to VCC +0.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings
4,5
4.
Operation of this device above any one of these
parameters may cause permanent damage.
5.
When the RF input is applied to the terminated port, the
absolute maximum power is +30 dBm.
6.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Functional Schematic
7. Application Note C2083 is available on line at
www.macom.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com