Electronic Components Datasheet Search
  English  ▼

X  

SW90-0004 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW90-0004
Description  GaAs SP6T Switch, Absorptive, Single Supply, DC - 4 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW90-0004 Datasheet(HTML) 1 Page - Tyco Electronics

  SW90-0004 Datasheet HTML 1Page - Tyco Electronics SW90-0004 Datasheet HTML 2Page - Tyco Electronics SW90-0004 Datasheet HTML 3Page - Tyco Electronics SW90-0004 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs SP6T Switch, Absorptive,
Single Supply, DC - 4 GHz
CSP-2
V 5.00
Electrical Specifications: TA = 25°C
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Insertion Loss
RFC-RF1, 2, 3, 4, 5, 6
DC - 4.0 GHz
dB
—
—
2.1
Isolation
—
DC - 4.0 GHz
dB
25
—
—
VSWR
On (RFC, RF1-RF6)
Logic per Truth Table
Off (RF1-RF6)
Logic per Truth Table
DC - 4.0 GHz
DC - 4.0 GHz
Ratio
Ratio
—
—
—
—
2.0:1
2.0:1
1 dB Compression
—
—
50 MHz
0.5 - 4.0 GHz
dBm
dBm
—
—
15
27
—
—
Input IP3
Two-tone inputs up to +5 dBm
50 MHz
0.5-4.0 GHz
dBm
dBm
—
—
30
40
—
—
Switching Speed
Ton (50% Control to 10% RF)
nS
—
20
—
Toff (50% Control to 90% RF)
nS
—
15
—
Trise (10% to 90% RF)
nS
—
5
—
Tfall (90% to 10% RF)
nS
—
2
—
Vcc
—
—
V
4.5
5.0
5.5
Logic “0”
Sink Current is 20 µA max.
—
V
0.0
—
0.8
Logic “1”
Source Current is 20 µA max.
—
V
2.0
—
5.0
Icc
Vcc min to max, Logic “0” or “1”
—
mA
—
5
8
Features
n
Operates DC - 4 GHz on Single Supply
n
ASIC TTL / CMOS Driver
n
Leadless 4 x 7 mm Chip Scale Plastic Package
n
Low DC Power Consumption
n
50 Ohm Nominal Impedance
n
Test Boards are Available
n
Tape and Reel are Available
Description
M/A-COM's SW90-0004 is a SP6T absorptive pHEMT
switch with integral TTL driver. This device is in an MLP
plastic surface mount package. This switch offers excellent
broadband performance and repeatability from DC to 4
GHz, while maintaining low DC power dissipation. The
SW90-0004 is ideally suited for wireless infrastructure
applications.


Similar Part No. - SW90-0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0004A MACOM-SW90-0004A Datasheet
178Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW90-0004A MACOM-SW90-0004A Datasheet
656Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply
logo
M/A-COM Technology Solu...
SW90-0004A MA-COM-SW90-0004A Datasheet
154Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
Tyco Electronics
SW90-0004A-TB MACOM-SW90-0004A-TB Datasheet
178Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW90-0004A-TB MACOM-SW90-0004A-TB Datasheet
656Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply
More results

Similar Description - SW90-0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0002 MACOM-SW90-0002 Datasheet
237Kb / 3P
GaAs SPDT Switch, Absorptive, Single Supply, DC - 4 GHz
SW90-0003 MACOM-SW90-0003 Datasheet
240Kb / 3P
GaAs SP4T Switch, Absorptive, Single Supply, DC - 4 GHz
MASWCC0006 MACOM-MASWCC0006 Datasheet
257Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0009 MACOM-MASWCC0009 Datasheet
327Kb / 1P
GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
SW90-0004A MACOM-SW90-0004A Datasheet
178Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW90-0004A MACOM-SW90-0004A_1 Datasheet
656Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply
logo
M/A-COM Technology Solu...
SW90-0004A MA-COM-SW90-0004A Datasheet
154Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0006 MA-COM-MASWCC0006 Datasheet
153Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0006 MA-COM-MASWCC0006 Datasheet
153Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply
MASWCC0006 MA-COM-MASWCC0006_15 Datasheet
768Kb / 6P
GaAs SP6T Switch, Absorptive, Single Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com