Electronic Components Datasheet Search
  English  ▼

X  

TP-101 Datasheet(PDF) 1 Page - Tyco Electronics

Part # TP-101
Description  RF Pulse Transformer 500 kHz - 1.5 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TP-101 Datasheet(HTML) 1 Page - Tyco Electronics

  TP-101 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
2-4
RF Pulse Transformer
500 kHz - 1.5 GHz
TP-101
V2.00
Features
50 Ohms Unbalanced/50 Ohms Balanced
Fast Rise Time – 0.18 nS
Low Insertion Loss – 0.4 dB Typ
q
q
q
Ordering Information
Model No.
Package
TP-101 PIN
Flatpack
Guaranteed Specifications*
(From -55°C to +85°C)
Operating Characteristics
Schematic
Typical Performance
Dimensions in ( ) are in mm.
PIN CONFIGURATION:
MIL-STD-202 screening available.
FP-1
Unless Otherwise Noted: .xxx = ± 0.010 (.xx = ± 0.25)
.xx = ± 0.02 (.x = ± 0.5)
Weight (Approx.): 0.07 Ounces 2 Grams


Similar Part No. - TP-101

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
TP-101 MA-COM-TP-101 Datasheet
59Kb / 2P
RF Pulse Transformer, 500 KHz - 1.5 GHz
TP-101 MA-COM-TP-101 Datasheet
59Kb / 2P
RF Pulse Transformer
More results

Similar Description - TP-101

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TP-102 MACOM-TP-102 Datasheet
109Kb / 1P
RF Pulse Transformer 1 - 500 MHz
TP-104 MACOM-TP-104 Datasheet
106Kb / 1P
RF Pulse Transformer 750 kHz - 400 MHz
TP-105 MACOM-TP-105 Datasheet
133Kb / 1P
RF Pulse Transformer 500 kHz - 1 GHz
logo
List of Unclassifed Man...
DP-322 ETC2-DP-322 Datasheet
317Kb / 1P
Wideband RF/Pulse Transformer 5-500 MHz
logo
Tyco Electronics
TP-103 MACOM-TP-103 Datasheet
113Kb / 1P
RF Pulse Transformer 500 kHz - 1GHz
logo
M/A-COM Technology Solu...
TP-101 MA-COM-TP-101 Datasheet
59Kb / 2P
RF Pulse Transformer, 500 KHz - 1.5 GHz
TP-102 MA-COM-TP-102 Datasheet
60Kb / 2P
RF Pulse Transformer, 1 - 500 MHz
TP-103 MA-COM-TP-103 Datasheet
53Kb / 2P
RF Pulse Transformer, 500 KHz - 1 GHz
TP-104 MA-COM-TP-104 Datasheet
60Kb / 2P
RF Pulse Transformer, 750 KHz - 400 MHz
TP-105 MA-COM-TP-105 Datasheet
60Kb / 2P
RF Pulse Transformer, 500 KHz - 1 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com