Electronic Components Datasheet Search
  English  ▼

X  

TP-75 Datasheet(PDF) 1 Page - Tyco Electronics

Part # TP-75
Description  50/75-Ohm Transformer 2 - 200 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TP-75 Datasheet(HTML) 1 Page - Tyco Electronics

  TP-75 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
50/75-Ohm Transformer
2 - 200 MHz
TP-75
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V2.00
Typical Performance
Schematic
C-1
Dimensions in ( ) are in mm.
Unless otherwise noted:
xxx = ±0.010 (.xx = ± 0.25)
WEIGHT (APPROX.): 0.75 OUNCES 21 GRAMS
Note: Both connectors 50 ohm impedance.
INSERTION LOSS
VSWR
Low Insertion Loss
Low VSWR
q
q
Ordering Information
Part No.
Package
TP-75 BNC
Connectorized
TP-75
N
Connectorized
TP-75 SMA
Connectorized
2
50
100
150
200
250
300
0
0.12
0.25
0.50
0.75
1.16
1.14
1.12
1.10
1.08
1.06
1.04
1.02
FREQUENCY (MHz)
2
50
100
150
200
250
300
FREQUENCY (MHz)


Similar Part No. - TP-75

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
TP-75 ASTRODYNE-TP-75 Datasheet
439Kb / 3P
75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75 MEANWELL-TP-75 Datasheet
594Kb / 3P
75W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-75 RSG-TP-75 Datasheet
182Kb / 3P
75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75 MEANWELL-TP-75 Datasheet
609Kb / 3P
75W Triple Output with PFC Function
TP-7503 MEANWELL-TP-7503 Datasheet
609Kb / 3P
75W Triple Output with PFC Function
More results

Similar Description - TP-75

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TPX-75-4 MACOM-TPX-75-4 Datasheet
99Kb / 1P
50/75-Ohm Transformer 10 - 1500 MHz
MACP-008764-CH0370 MACOM-MACP-008764-CH0370 Datasheet
106Kb / 3P
75 Ohm Coupler 5-1000 MHz
logo
M/A-COM Technology Solu...
MACP-008764-CH0370 MA-COM-MACP-008764-CH0370 Datasheet
101Kb / 3P
75 Ohm Coupler 5-1000 MHz
TPX-75-4N MA-COM-TPX-75-4N Datasheet
52Kb / 1P
50/75-Ohm Transformer 10 - 1500 MHz
logo
Hittite Microwave Corpo...
HMC599ST89 HITTITE-HMC599ST89 Datasheet
732Kb / 8P
GaAs pHEMT MMIC LNA, 75 Ohm 50 - 1000 MHz
logo
Tyco Electronics
5414459-1 MACOM-5414459-1 Datasheet
960Kb / 34P
BNC Connectors (50 ohm/75 ohm)
logo
M/A-COM Technology Solu...
TPX-75-4N MA-COM-TPX-75-4N Datasheet
52Kb / 1P
50/75-Ohm Transformer
logo
TriQuint Semiconductor
TAT7461 TRIQUINT-TAT7461_15 Datasheet
499Kb / 7P
75 Ohm RF Amplifier 50 1000 MHz
TAT8884HO TRIQUINT-TAT8884HO_15 Datasheet
150Kb / 4P
50 1000 MHz 75 Ohm CATV Hybrid Amplifier
logo
Cree, Inc
CGHV50200F CREE-CGHV50200F Datasheet
2Mb / 15P
200 W, 4400 - 5000 MHz, 50-Ohm Input
Rev 1.1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com