Electronic Components Datasheet Search
  English  ▼

X  

KDR730F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDR730F
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR730F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR730F_15 Datasheet HTML 1Page - KEC(Korea Electronics) KDR730F_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2013. 1. 3
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR730F
SCHOTTKY BARRIER TYPE DIODE
Revision No : 1
LOW CURRENT RECTIFICATION
AND HIGH SPEED SWITCHING.
FEATURES
・Low Forward Voltage.
・High Reliability.
・Small Package .
MAXIMUM RATING (Ta=25
℃)
TFSC
DIM
MILLIMETERS
B
0.80+0.10/-0.05
E
0.40 MAX
0.13 0.05
F
0.10 MAX
G
0.25 MAX
H
A
1.00 0.05
+
_
C
0.60 0.05
+
_
D
0.30 0.05
+
_
+
_
CATHODE MARK
B
A
H
G
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Type Name
Marking
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF=10mA
-
-
0.45
V
Reverse Current
IR
VR=10V
-
-
0.5
μA
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
30
V
Average Forward Current
IO
100
mA
Surge Current(10ms)
IFSM
500
mA
Junction Temperature
Tj
125
℃
Storage Temperature Range
Tstg
-55
~125
℃


Similar Part No. - KDR730F_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR730F KEC-KDR730F Datasheet
10Kb / 1P
TFSC PACKAGE
More results

Similar Description - KDR730F_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR2060CT KEC-MBR2060CT Datasheet
35Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR331V KEC-KDR331V Datasheet
68Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Kersemi Electronic Co.,...
MBRF20200CT KERSEMI-MBRF20200CT Datasheet
766Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com