Electronic Components Datasheet Search
  English  ▼

X  

BCV65 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BCV65
Description  NPN/PNP general-purpose transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCV65 Datasheet(HTML) 2 Page - NXP Semiconductors

  BCV65_15 Datasheet HTML 1Page - NXP Semiconductors BCV65_15 Datasheet HTML 2Page - NXP Semiconductors BCV65_15 Datasheet HTML 3Page - NXP Semiconductors BCV65_15 Datasheet HTML 4Page - NXP Semiconductors BCV65_15 Datasheet HTML 5Page - NXP Semiconductors BCV65_15 Datasheet HTML 6Page - NXP Semiconductors BCV65_15 Datasheet HTML 7Page - NXP Semiconductors BCV65_15 Datasheet HTML 8Page - NXP Semiconductors BCV65_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BCV65
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 27 July 2010
2 of 11
NXP Semiconductors
BCV65
NPN/PNP general-purpose transistor
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BCV65
-
plastic surface-mounted package; 4 leads
SOT143B
Table 4.
Marking codes
Type number
Marking code[1]
BCV65
97*
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCBO
collector-base voltage
open emitter
-
30
V
VCEO
collector-emitter voltage
open base
-
30
V
IC
collector current
-
100
mA
ICM
peak collector current
-
200
mA
IBM
peak base current
-
200
mA
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C-
250
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com