Electronic Components Datasheet Search
  English  ▼

X  

2SC5231A Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC5231A
Description  RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5231A Datasheet(HTML) 3 Page - ON Semiconductor

  2SC5231A Datasheet HTML 1Page - ON Semiconductor 2SC5231A Datasheet HTML 2Page - ON Semiconductor 2SC5231A Datasheet HTML 3Page - ON Semiconductor 2SC5231A Datasheet HTML 4Page - ON Semiconductor 2SC5231A Datasheet HTML 5Page - ON Semiconductor 2SC5231A Datasheet HTML 6Page - ON Semiconductor 2SC5231A Datasheet HTML 7Page - ON Semiconductor 2SC5231A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC5231A
No. A1077-3/8
⏐S21e⏐
2 -- IC
Collector Current, IC -- mA
PC -- Ta
Ambient Temperature, Ta --
°C
Collector Current, IC -- mA
NF -- IC
ITR07967
0
14
12
10
8
6
4
2
35
7 1.0
23
5
7 10
100
22
35
7
f=1GHz
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
ITR07969
ITR07963
3
5
3
2
1.0
7
3
5
72
2
10
5
7 100
0
2
4
6
12
8
10
VCE=5V
f=1GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com