Electronic Components Datasheet Search
  English  ▼

X  

2SC5374A Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SC5374A
Description  RF Transistor 10V, 100mA, fT=5.2GHz, NPN Single SMCP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5374A Datasheet(HTML) 2 Page - ON Semiconductor

  2SC5374A Datasheet HTML 1Page - ON Semiconductor 2SC5374A Datasheet HTML 2Page - ON Semiconductor 2SC5374A Datasheet HTML 3Page - ON Semiconductor 2SC5374A Datasheet HTML 4Page - ON Semiconductor 2SC5374A Datasheet HTML 5Page - ON Semiconductor 2SC5374A Datasheet HTML 6Page - ON Semiconductor 2SC5374A Datasheet HTML 7Page - ON Semiconductor 2SC5374A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC5374A
No. A1090-2/8
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=10V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
10
μA
DC Current Gain
hFE1VCE=3V, IC=7mA
110
180
hFE2VCE=3V, IC=30mA
100
Gain-Bandwidth Product
fT
VCE=3V, IC=7mA
3
5.2
GHz
Output Capacitance
Cob
VCB=3V, f=1MHz
1.0
1.5
pF
Reverse Transfer Capacitance
Cre
0.7
pF
Forward Transfer Gain
⏐S21e⏐
2
VCE=3V, IC=7mA, f=1GHz
8
10.5
dB
Noise Figure
NF
VCE=3V, IC=7mA, f=1GHz
1.4
2.5
dB
Ordering Information
Device
Package
Shipping
memo
2SC5374A-TL-E
SMCP
3,000pcs./reel
Pb Free
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- mA
fT -- IC
Collector Current, IC -- mA
100
ITR08170
3
5
3
2
1.0
7
3
5
72
2
10
5
7 100
3
5
7
7
5
2
3
VCE=3V
ITR08171
3
7
1.0
77
10
53
5
22
7
10
1.0
5
7
5
2
3
2
VCE=3V
f=1GHz
ITR08168
IB=0μA
160μA
180μA
200μA
140μA
120μA
100
μA
20
μA
40
μA
60
μA
80
μA
0
1
23
4
5
6
7
89
10
0
5
10
15
20
25
30
35
0
0.2
0.4
0.6
0.8
1.0
1.2
0
4
8
16
20
24
28
32
12
VCE=3V
ITR08169



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com