Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA384C3 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATXMEGA384C3
Description  8/16-bit Atmel XMEGA C3 Microcontroller
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA384C3 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATXMEGA384C3 Datasheet HTML 28Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 29Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 30Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 31Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 32Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 33Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 34Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 35Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 126 page
background image
32
XMEGA C3 [DATASHEET]
8361C–AVR–4/12
16.
TC0/1 – 16-bit Timer/Counter Type 0 and 1
16.1 Features
• Five 16-bit timer/counters
– Four timer/counters of type 0
– One timer/counter of type 1
– Split-mode enabling two 8-bit timer/counter from each timer/counter type 0
• 32-bit timer/counter support by cascading two timer/counters
• Up to four compare or capture (CC) channels
– Four CC channels for timer/counters of type 0
– Two CC channels for timer/counters of type 1
• Double buffered timer period setting
• Double buffered capture or compare channels
• Waveform generation:
– Frequency generation
– Single-slope pulse width modulation
– Dual-slope pulse width modulation
• Input capture:
– Input capture with noise cancelling
– Frequency capture
– Pulse width capture
– 32-bit input capture
• Timer overflow and error interrupts/events
• One compare match or input capture interrupt/event per CC channel
• Can be used with event system for:
– Quadrature decoding
– Count and direction control
–Capture
• Can be used with DMA and to trigger DMA transactions
• High-resolution extension
– Increases frequency and waveform resolution by 4x (2-bit) or 8x (3-bit)
• Advanced waveform extension:
– Low- and high-side output with programmable dead-time insertion (DTI)
• Event controlled fault protection for safe disabling of drivers
16.2 Overview
Atmel AVR XMEGA C3 devices have a set of five flexible 16-bit timer/counters (TC). Their capabilities include accurate
program execution timing, frequency and waveform generation, and input capture with time and frequency measurement
of digital signals. Two timer/counters can be cascaded to create a 32-bit timer/counter with optional 32-bit capture.
A timer/counter consists of a base counter and a set of compare or capture (CC) channels. The base counter can be
used to count clock cycles or events. It has direction control and period setting that can be used for timing. The CC
channels can be used together with the base counter to do compare match control, frequency generation, and pulse
width waveform modulation, as well as various input capture operations. A timer/counter can be configured for either
capture or compare functions, but cannot perform both at the same time.
A timer/counter can be clocked and timed from the peripheral clock with optional prescaling or from the event system.
The event system can also be used for direction control and capture trigger or to synchronize operations.
There are two differences between timer/counter type 0 and type 1. Timer/counter 0 has four CC channels, and
timer/counter 1 has two CC channels. All information related to CC channels 3 and 4 is valid only for timer/counter 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com