Electronic Components Datasheet Search
  English  ▼

X  

BUJD103AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUJD103AD
Description  NPN power transistor with integrated diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJD103AD Datasheet(HTML) 2 Page - NXP Semiconductors

  BUJD103AD_15 Datasheet HTML 1Page - NXP Semiconductors BUJD103AD_15 Datasheet HTML 2Page - NXP Semiconductors BUJD103AD_15 Datasheet HTML 3Page - NXP Semiconductors BUJD103AD_15 Datasheet HTML 4Page - NXP Semiconductors BUJD103AD_15 Datasheet HTML 5Page - NXP Semiconductors BUJD103AD_15 Datasheet HTML 6Page - NXP Semiconductors BUJD103AD_15 Datasheet HTML 7Page - NXP Semiconductors BUJD103AD_15 Datasheet HTML 8Page - NXP Semiconductors BUJD103AD_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BUJD103AD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 3 August 2010
2 of 13
NXP Semiconductors
BUJD103AD
NPN power transistor with integrated diode
2.
Pinning information
[1]
it is not possible to make a connection to pin 2 of the SOT428 (DPAK) package
3.
Ordering information
4.
Limiting values
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
B
base
SOT428 (DPAK)
2
C
collector[1]
3E
emitter
3
2
mb
1
sym131
C
E
B
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BUJD103AD
DPAK
plastic single-ended surface-mounted package (DPAK); 3 leads
(one lead cropped)
SOT428
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCESM
collector-emitter peak voltage
VBE = 0 V
-
700
V
VCBO
collector-base voltage
IE = 0 A
-
700
V
VCEO
collector-emitter voltage
IB = 0 A
-
400
V
IC
collector current
DC; see Figure 1; see Figure 2;
see Figure 4
-4
A
ICM
peak collector current
see Figure 1; see Figure 2; see Figure 4
-8
A
IB
base current
DC
-
2
A
IBM
peak base current
-
4
A
Ptot
total power dissipation
Tmb ≤ 25 °C; see Figure 3
-80
W
Tstg
storage temperature
-65
150
°C
Tj
junction temperature
-
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com