Electronic Components Datasheet Search
  English  ▼

X  

IRFHM8337PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRFHM8337PBF
Description  Compatible with Existing Surface Mount Techniques
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM8337PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRFHM8337PBF Datasheet HTML 2Page - International Rectifier IRFHM8337PBF Datasheet HTML 3Page - International Rectifier IRFHM8337PBF Datasheet HTML 4Page - International Rectifier IRFHM8337PBF Datasheet HTML 5Page - International Rectifier IRFHM8337PBF Datasheet HTML 6Page - International Rectifier IRFHM8337PBF Datasheet HTML 7Page - International Rectifier IRFHM8337PBF Datasheet HTML 8Page - International Rectifier IRFHM8337PBF Datasheet HTML 9Page - International Rectifier IRFHM8337PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
 
IRFHM8337TRPbF
7
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 5, 2014
Placement and Layout Guidelines
The typical application topology for this product is the synchronous buck converter. These converters operate at high
frequencies (typically around 400 kHz). During turn-on and turn-off switching cycles, the high di/dt currents circulating in
the parasitic elements of the circuit induce high voltage ringing which may exceed the device rating and lead to undesir-
able effects. One of the major contributors to the increase in parasitics is the PCB power circuit inductance.
This section introduces a simple guideline that mitigates the effect of these parasitics on the performance of the circuit
and provides reliable operation of the devices.
To reduce high frequency switching noise and the effects of Electromagnetic Interference (EMI) when the control
MOSFET (Q1) is turned on, the layout shown in Figure 19 is recommended. The input bypass capacitors, control
MOSFET and output capacitors are placed in a tight loop to minimize parasitic inductance which in turn lowers the am-
plitude of the switch node ringing, and minimizes exposure of the MOSFETs to repetitive avalanche conditions.
When the synchronous MOSFET (Q2) is turned on, high average DC current flows through the path indicated in Figure
19. Therefore, the Q2 turn-on path should be laid out with a tight loop and wide traces at both ends of the inductor to
minimize loop resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com