Electronic Components Datasheet Search
  English  ▼

X  

IRFHM9331PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFHM9331PBF
Description  Compatible with Existing Surface Mount Techniques
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM9331PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFHM9331PBF Datasheet HTML 1Page - International Rectifier IRFHM9331PBF Datasheet HTML 2Page - International Rectifier IRFHM9331PBF Datasheet HTML 3Page - International Rectifier IRFHM9331PBF Datasheet HTML 4Page - International Rectifier IRFHM9331PBF Datasheet HTML 5Page - International Rectifier IRFHM9331PBF Datasheet HTML 6Page - International Rectifier IRFHM9331PBF Datasheet HTML 7Page - International Rectifier IRFHM9331PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
Notes
 through ‡ are on page 2
3mm x 3mm PQFN
D
D
D
D
S
G
S
S
Applications
l System/load switch
Features and Benefits
Features
Benefits
Low Thermal Resistance to PCB (<6.0°C/W)
Enable better thermal dissipation
Compatible with Existing Surface Mount Techniques
results in Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
⇒
Environmentally Friendlier
MSL1, Consumer Qualification
Increased Reliability
VDS
-30
V
RDS(on) max
(@VGS = -10V)
14.6
m
Ω
Qg (typical)
32
nC
ID
(@TA = 25°C)
-11
A
6
5
7
8 D
D
D
D
1
2
3
4
S
S
G
S
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
ID @ TC = 70°C
Continuous Drain Current, VGS @ -10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
PD @ TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
V
W
A
°C
Max.
-11
-24
-90
± 25
-30
-9
-24
i
-55 to + 150
2.8
0.02
1.8
IRFHM9331PbF
1
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
December 16, 2013
Form
Quantity
IRFHM9331TRPbF
PQFN 3mm x 3mm
Tape and Reel
4000
IRFHM9331TR2PbF
PQFN 3mm x 3mm
Tape and Reel
400
EOL notice # 259
Orderable part number
Package Type
Standard Pack
Note


Similar Part No. - IRFHM9331PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM9331PBF IRF-IRFHM9331PBF Datasheet
236Kb / 8P
System/load switch
More results

Similar Description - IRFHM9331PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH8201PBF IRF-IRFH8201PBF_15 Datasheet
500Kb / 9P
Compatible with Existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
Compatible with Existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
Compatible with existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com