Electronic Components Datasheet Search
  English  ▼

X  

2SA2153 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SA2153
Description  Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA2153 Datasheet(HTML) 2 Page - ON Semiconductor

  2SA2153 Datasheet HTML 1Page - ON Semiconductor 2SA2153 Datasheet HTML 2Page - ON Semiconductor 2SA2153 Datasheet HTML 3Page - ON Semiconductor 2SA2153 Datasheet HTML 4Page - ON Semiconductor 2SA2153 Datasheet HTML 5Page - ON Semiconductor 2SA2153 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SA2153
No.8123-2/6
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Dissipation
PC
When mounted on ceramic substrate (450mm2×0.8mm)
1.3
W
Tc=25°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=--40V, IE=0A
--1
μA
Emitter Cutoff Current
IEBO
VEB=--4V, IC=0A
--1
μA
DC Current Gain
hFE1VCE=--2V, IC=--100mA
200
560
hFE2VCE=--2V, IC=--1.5A
40
Gain-Bandwidth Product
fT
VCE=--10V, IC=--300mA
420
MHz
Output Capacitance
Cob
VCB=--10V, f=1MHz
16
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=--1A, IB=--50mA
--0.2
--0.4
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=--1A, IB=--50mA
--0.9
--1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=--10μA, IE=0A
--50
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=--1mA, RBE=∞
--50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=--10μA, IC=0A
--6
V
Turn-ON Time
ton
See specified Test Circuit.
35
ns
Storage Time
tstg
200
ns
Fall Time
tf
24
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SA2153-TD-E
PCP
1,000pcs./reel
Pb Free
VR
RL
VCC= --25V
VBE=5V
IC=10IB1= --10IB2= --700mA
+
+
50
Ω
INPUT
OUTPUT
RB
100
μF
470
μF
PW=20
μs
IB1
IB2
D.C.
≤1%
IC
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V IT08346
--2.0
--1.8
--1.6
--1.4
--1.2
--1.0
--0.8
--0.4
--0.2
--0.6
0
0
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IT08347
0
--2.0
--0.1 --0.2 --0.3 --0.4 --0.5 --0.6 --0.7 --0.8 --0.9 --1.0 --1.1
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
--2.0
IB=0mA
--50mA
--40mA
--30mA
--20mA
--10mA
--5mA
--4mA
--3mA
--2mA
--1mA
--60mA
VCE= --2V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com