Electronic Components Datasheet Search
  English  ▼

X  

2SB1122 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SB1122
Description  Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB1122 Datasheet(HTML) 2 Page - ON Semiconductor

  2SB1122 Datasheet HTML 1Page - ON Semiconductor 2SB1122 Datasheet HTML 2Page - ON Semiconductor 2SB1122 Datasheet HTML 3Page - ON Semiconductor 2SB1122 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB1122
No.2040-2/4
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Dissipation
PC
When mounted on ceramic substrate (250mm2×0.8mm)
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=--50V, IE=0A
--100
nA
Emitter Cutoff Current
IEBO
VEB=--4V, IC=0A
--100
nA
DC Current Gain
hFE1VCE=--2V, IC=--100mA
140*
400*
hFE2VCE=--2V, IC=--1A
30
Gain-Bandwidth Product
fT
VCE=--10V, IC=--50mA
150
MHz
Output Capacitance
Cob
VCB=--10V, f=1MHz
12
pF
Collector to Emitter Saturation Voltage
VCE(sat)
IC=--500mA, IB=--50mA
--180
--500
mV
Base to Emitter Saturation Voltage
VBE(sat)
IC=--500mA, IB=--50mA
--0.9
--1.2
V
Collector to Base Breakdown Voltage
V(BR)CBO
IC=--10μA, IE=0A
--60
V
Collector to Emitter Breakdown Voltage
V(BR)CEO
IC=--1mA, RBE=∞
--50
V
Emitter to Base Breakdown Voltage
V(BR)EBO
IE=--10μA, IC=0A
--5
V
Turn-ON Time
ton
See specified Test Circuit.
40
ns
Storage Time
tstg
300
ns
Fall Time
tf
30
ns
* : 2SB1122 is classified by 100mA hFE as follows :
Rank
S
T
hFE
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SB1122S-TD-E
PCP
1,000pcs./reel
Pb Free
2SB1122T-TD-E
PCP
1,000pcs./reel
VR
RB
VCC= --25V
VBE=5V
+
+
50
Ω
INPUT
OUTPUT
RL
50
Ω
100
μF
470
μF
PW=20
μs
IC=10IB1= --10IB2= --500mA
D.C.
≤1%
IB1
IB2
IC -- VCE
Collector to Emitter Voltage, VCE -- V
--1.0
--0.6
--0.4
--0.2
--0.8
0
0
--1
--2
--5
--4
--3
IB=0mA
ITR08877
--1mA
--2mA
--8mA
--6mA
--4mA
--10mA
--12mA
IC -- VBE
Base to Emitter Voltage, VBE -- V
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
--1200
--1000
--800
--600
--400
--200
0
ITR08879
VCE= --2V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com