Electronic Components Datasheet Search
  English  ▼

X  

2SC6098 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2SC6098
Description  Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single TP/TP-FA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC6098 Datasheet(HTML) 5 Page - ON Semiconductor

  2SC6098 Datasheet HTML 1Page - ON Semiconductor 2SC6098 Datasheet HTML 2Page - ON Semiconductor 2SC6098 Datasheet HTML 3Page - ON Semiconductor 2SC6098 Datasheet HTML 4Page - ON Semiconductor 2SC6098 Datasheet HTML 5Page - ON Semiconductor 2SC6098 Datasheet HTML 6Page - ON Semiconductor 2SC6098 Datasheet HTML 7Page - ON Semiconductor 2SC6098 Datasheet HTML 8Page - ON Semiconductor 2SC6098 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SC6098
No. A0413-5/9
Taping Specification
2SC6098-TL-E



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com