Electronic Components Datasheet Search
  English  ▼

X  

PE7154 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7154
Description  TECHNICAL DATA SHEET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7154 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7154 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7154 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7154 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Frequency 4
Range, GHz
12.4 to 18
Insertion Loss, dB
0.5
VSWR
1.5:1
Maximum Input Power, Watts
35
Minimum Isolation, dB
60
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Storage Range, deg C
-55 to +100
Size
Length, in [mm]
2.25 [57.15]
Width, in [mm]
1.57 [39.88]
Height, in [mm]
0.52 [13.21]\
.
Weight, lbs [g]
0.13 [58.97]
Housing Material and Plating
Aluminum, Black Anodized
RF Connector
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
Control Connector
Contact Material and Plating
Iron Nickel, Tin
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA RF Relay DPDT Switch From DC To 18 GHz Rated To 35 Watts And 24 Volts To 32 Volts With F, T Features from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA RF Relay DPDT Switch From DC To 18 GHz Rated To 35 Watts And 24 Volts To 32 Volts
With F, T Features PE7154
URL: http://www.pasternack.com/sma-electromechanical-dpdt-switch-18ghz-35watts-24-32volts-f-t-pe7154-p.aspx
PE7154
PE7154 REV
SMA RF Relay DPDT Switch From DC To 18 GHz Rated
To 35 Watts And 24 Volts To 32 Volts With F, T Features



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com