Electronic Components Datasheet Search
  English  ▼

X  

15C01C Datasheet(PDF) 1 Page - ON Semiconductor

Part # 15C01C
Description  Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

15C01C Datasheet(HTML) 1 Page - ON Semiconductor

  15C01C Datasheet HTML 1Page - ON Semiconductor 15C01C Datasheet HTML 2Page - ON Semiconductor 15C01C Datasheet HTML 3Page - ON Semiconductor 15C01C Datasheet HTML 4Page - ON Semiconductor 15C01C Datasheet HTML 5Page - ON Semiconductor 15C01C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
92612 TKIM/O3003 TSIM TA-3682 No.7504-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
15C01C
Bipolar Transistor
15V, 0.7A, Low VCE(sat) NPN Single CP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applications
•
Low-frequency Amplifier, muting circuit
Features
•
Large current capacity
•
Low collector-to-emitter saturation voltage (resistance) RCE (sat) typ.=0.58Ω [IC=0.7A, IB=35mA]
•
Ultrasmall package facilitates miniaturization in end products
•
Small ON-resistance (Ron)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
15
V
Emitter-to-Base Voltage
VEBO
5V
Collector Current
IC
700
mA
Collector Current (Pulse)
ICP
1.4
A
Collector Dissipation
PC
Mounted on a glass epoxy board (20×30×1.6mm)
300
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7013A-009
Ordering number : EN7504A
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
1 : Base
2 : Emitter
3 : Collector
CP
12
3
2.9
0.95
0.4
0.1
TB
YP
15C01C-TB-E
3
2
1


Similar Part No. - 15C01C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15C01C SANYO-15C01C Datasheet
32Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
15C01C SANYO-15C01C Datasheet
411Kb / 6P
Low-Frequency General-Purpose Amplifier Applications
15C01C SANYO-15C01C_12 Datasheet
411Kb / 6P
Low-Frequency General-Purpose Amplifier Applications
More results

Similar Description - 15C01C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC3332R ONSEMI-2SC3332R Datasheet
79Kb / 5P
Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332S ONSEMI-2SC3332S Datasheet
79Kb / 5P
Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332T ONSEMI-2SC3332T Datasheet
79Kb / 5P
Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
15C02CH ONSEMI-15C02CH Datasheet
581Kb / 6P
Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3
August, 2013
2SD1618 ONSEMI-2SD1618 Datasheet
272Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
15C01M ONSEMI-15C01M Datasheet
309Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCP
August, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
AML2002 ONSEMI-AML2002 Datasheet
325Kb / 7P
Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
CPH6538 ONSEMI-CPH6538 Datasheet
526Kb / 6P
Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6
August, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com