Electronic Components Datasheet Search
  English  ▼

X  

30A02MH Datasheet(PDF) 3 Page - ON Semiconductor

Part # 30A02MH
Description  Bipolar Transistor -30V, -0.7A, Low VCE(sat) PNP Single MCPH3
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

30A02MH Datasheet(HTML) 3 Page - ON Semiconductor

  30A02MH Datasheet HTML 1Page - ON Semiconductor 30A02MH Datasheet HTML 2Page - ON Semiconductor 30A02MH Datasheet HTML 3Page - ON Semiconductor 30A02MH Datasheet HTML 4Page - ON Semiconductor 30A02MH Datasheet HTML 5Page - ON Semiconductor 30A02MH Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
30A02MH
No.7359-3/6
IT05053
--1.0
0.1
Cob -- VCB
--10
2
3
5
7
2
3
5
2
3
5
7
10
2
5
7
f=1MHz
IT05055
VCE(sat) -- IC
--1.0
23
5
7 --10
23
5
7
23
5
7
--100
--1000
IT05056
VBE(sat) -- IC
3
--1.0
2
5
7
3
--10
--0.1
Ta= --25°C
75°C
25
°C
--1.0
23
5
7 --10
23
5
7
23
5
7
--100
--1000
--10
3
--1000
2
2
3
5
7
2
3
5
7
--100
Ta=75
°C
--25
°C
25°
C
0
0
100
200
PC -- Ta
IT05046
300
600
400
500
700
40
20
100
120
60
80
140
160
IT05052
--1.0
f T -- IC
23
5
7
23
5
7
23
5
7
--10
--100
--1000
100
1000
5
7
2
3
VCE= --10V
IC / IB=50
IC / IB=20
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
Ambient Temperature, Ta --
°C
Mounted
on
a
ceramic
board(600mm
2✕
0.8mm)
Collector Current, IC -- mA
Collector Current, IC -- mA
f=1MHz
--0.1
0.1
Base Current, IB -- mA
Ron -- IB
IT06403
7
5
3
2
10
7
5
3
2
7
5
3
2
1.0
100
3
2
57
3
2
57
--1.0
--10
OUT
IN
1k
Ω
1k
Ω
IB
IT05051
3
100
hFE -- IC
--1.0
2
3
5
7 --10
2
3
5
7
2
3
5
7
--100
--1000
2
3
5
1000
7
5
7
VCE= --2V
Ta=75°C
25°C
--25°C
IT05054
--1.0
VCE(sat) -- IC
23
5
7 --10
23
5
7
23
5
7
--100
--1000
--1000
--100
2
3
5
7
2
3
5
7
--10
Ta
=75
°C
--25
°C
25°
C
IC / IB=20
Collector Current, IC -- mA
Collector Current, IC -- mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com